Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74LCXR163245FT Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74LCXR163245FT
Description  16-Bit Dual Supply Bus Transceiver with Series Resistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74LCXR163245FT Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74LCXR163245FT Datasheet HTML 1Page - Toshiba Semiconductor TC74LCXR163245FT Datasheet HTML 2Page - Toshiba Semiconductor TC74LCXR163245FT Datasheet HTML 3Page - Toshiba Semiconductor TC74LCXR163245FT Datasheet HTML 4Page - Toshiba Semiconductor TC74LCXR163245FT Datasheet HTML 5Page - Toshiba Semiconductor TC74LCXR163245FT Datasheet HTML 6Page - Toshiba Semiconductor TC74LCXR163245FT Datasheet HTML 7Page - Toshiba Semiconductor TC74LCXR163245FT Datasheet HTML 8Page - Toshiba Semiconductor TC74LCXR163245FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TC74LCXR163245FT
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74LCXR163245FT
16-Bit Dual Supply Bus Transceiver with Series Resistor
The TC74LCXR163245FT is a dual supply, advanced high-speed
CMOS 16-bit dual supply voltage interface bus transceiver
fabricated with silicon gate CMOS technology.
Designed for use as an interface between a 3.3-V or a 2.5-V bus
and a 5-V bus in mixed 3.3-V or 2.5-V/5-V supply systems, it
achieves high-speed operation while maintaining the CMOS low
power dissipation.
It is intended for two-way asynchronous communication between
data busses. The direction of data transmission is determined by the
level of the DIR input. The enable input ( OE ) can be used to disable
the device so that the buses are effectively isolated.
The B-port interfaces with the 3.3 V or 2.5 V bus, the A-port with
the 5 V bus.
The 26-Ω series resistor helps reducing output overshoot and undershoot without external resistor.
All inputs are equipped with protection circuits against static discharge or transient excess voltage.
Features (Note 1) (Note 2)
• Bidirectional interface between 3.3 V or 2.5 V buses and 5 V buses
• 26-Ω series resistors on outputs
• High-speed operation: tpd = 8.5 ns (max)
(VCCB = 3.3 ± 0.3 V/VCCA = 5 ± 0.5 V, Ta = −40 to 85°C)
• Low-voltage operation: ICC = 80 μA (max) (Ta = −40 to 85°C)
• Symmetrical output impedance: IOUTB = ±12 mA (min)
IOUTA = ±12 mA (min)
(VCCB = 3.0 V/VCCA = 4.5 V)
• Power-down protection provided on all inputs and outputs
• Allows A port and VCCA to float simultaneously in high state at OE pin
• Latch-up performance: −500 mA
• ESD performance: Machine model > ±200 V (Note 2)
• Package: TSSOP
Note 1: Do not apply a signal to any bus pins when it is in the output mode. Damage may result.
All floating (high impedance) bus pins must have their input fixed by means of pull-up or pull-down resistors.
Note 2: This device is electrostatic sensitivity (human body model
> 1 kV).
Please handle with caution.
Weight: 0.25 g (typ.)


Similar Part No. - TC74LCXR163245FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCXR163245FT TOSHIBA-TC74LCXR163245FT Datasheet
332Kb / 8P
   16-BIT DUAL SUPPLY VOLTAGE INTERFACE BUS TRANSCEIVER WITH SERIES RESISTOR
More results

Similar Description - TC74LCXR163245FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCXR164245FT TOSHIBA-TC74LCXR164245FT Datasheet
130Kb / 11P
   16-Bit Dual Supply Bus Transceiver with Series Resistor
TC74LCXR164245FT TOSHIBA-TC74LCXR164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver with Series Resistor
TC74LCXR163245FT TOSHIBA-TC74LCXR163245FT Datasheet
332Kb / 8P
   16-BIT DUAL SUPPLY VOLTAGE INTERFACE BUS TRANSCEIVER WITH SERIES RESISTOR
logo
STMicroelectronics
74VCX1632245 STMICROELECTRONICS-74VCX1632245 Datasheet
662Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
logo
Texas Instruments
SN74AVC16T245 TI1-SN74AVC16T245_15 Datasheet
1Mb / 28P
[Old version datasheet]   16-Bit Dual-Supply Bus Transceiver
logo
Toshiba Semiconductor
TC74LCX164245FT TOSHIBA-TC74LCX164245FT_07 Datasheet
188Kb / 11P
   16-Bit Dual Supply Bus Transceiver
TC74VCX164245FT TOSHIBA-TC74VCX164245FT_07 Datasheet
224Kb / 15P
   16-Bit Dual Supply Bus Transceiver
logo
STMicroelectronics
74VCXH1632245 STMICROELECTRONICS-74VCXH1632245 Datasheet
386Kb / 17P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
74VCX1632245TBR STMICROELECTRONICS-74VCX1632245TBR Datasheet
633Kb / 18P
   16-BIT DUAL SUPPLY BUS TRANSCEIVER LEVEL TRANSLATOR WITH A SIDE SERIES RESISTOR
logo
Texas Instruments
SN74LVC16T245 TI1-SN74LVC16T245_15 Datasheet
1Mb / 30P
[Old version datasheet]   16-bit Dual-Supply Bus Transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com