Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VCX02FK Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TC74VCX02FK
Description  Low-Voltage Quad 2-Input NOR Gate with 3.6-V Tolerant Inputs and Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX02FK Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TC74VCX02FK Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX02FK Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX02FK Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX02FK Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX02FK Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX02FK Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX02FK Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX02FK Datasheet HTML 9Page - Toshiba Semiconductor TC74VCX02FK Datasheet HTML 10Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
TC74VCX02FT/FK
2007-10-19
9
Package Dimensions
Weight: 0.02 g (typ.)


Similar Part No. - TC74VCX02FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX02FT TOSHIBA-TC74VCX02FT Datasheet
366Kb / 8P
   LOW-VOLTAGE QUAD 2-INPUT NOT GATE WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - TC74VCX02FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX08FT TOSHIBA-TC74VCX08FT_07 Datasheet
249Kb / 11P
   Low-Voltage Quad 2-Input AND Gate with 3.6-V Tolerant Inputs and Outputs
TC74VCX00FT TOSHIBA-TC74VCX00FT_07 Datasheet
246Kb / 10P
   Low-Voltage Quad 2-Input NAND Gate with 3.6-V Tolerant Inputs and Outputs
TC74VCX32FT TOSHIBA-TC74VCX32FT_07 Datasheet
246Kb / 10P
   Low-Voltage Quad 2-Input OR Gate with 3.6-V Tolerant Inputs and Outputs
TC74LCX02F TOSHIBA-TC74LCX02F_07 Datasheet
237Kb / 9P
   Low-Voltage Quad 2-Input NOR Gate with 5-V Tolerant Inputs and Outputs
TC74LCX02F TOSHIBA-TC74LCX02F_12 Datasheet
200Kb / 10P
   Low-Voltage Quad 2-Input NOR Gate with 5-V Tolerant Inputs and Outputs
TC74LCX02F TOSHIBA-TC74LCX02F Datasheet
253Kb / 8P
   LOW VOLTAGE QUAD 2-INPUT NOR GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
TC74VCX86FT TOSHIBA-TC74VCX86FT_07 Datasheet
245Kb / 10P
   Low-Voltage Quad 2-Input Exclusive OR Gate with 3.6-V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX02 ONSEMI-74LCX02 Datasheet
414Kb / 11P
   Low Voltage Quad 2-Input NOR Gate Tolerant Inputs
January 2008 Rev. 1.6.0
logo
Toshiba Semiconductor
TC74LCX08F TOSHIBA-TC74LCX08F_12 Datasheet
210Kb / 9P
   Low-Voltage Quad 2-Input AND Gate with 5-V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX02 FAIRCHILD-74LCX02 Datasheet
91Kb / 8P
   Low Voltage Quad 2-Input NOR Gate with 5V Tolerant Inputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com