Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APL1085FCTUL Datasheet(PDF) 1 Page - Anpec Electronics Coropration

Part # APL1085FCTUL
Description  3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANPEC [Anpec Electronics Coropration]
Direct Link  http://www.anpec.com.tw
Logo ANPEC - Anpec Electronics Coropration

APL1085FCTUL Datasheet(HTML) 1 Page - Anpec Electronics Coropration

  APL1085FCTUL Datasheet HTML 1Page - Anpec Electronics Coropration APL1085FCTUL Datasheet HTML 2Page - Anpec Electronics Coropration APL1085FCTUL Datasheet HTML 3Page - Anpec Electronics Coropration APL1085FCTUL Datasheet HTML 4Page - Anpec Electronics Coropration APL1085FCTUL Datasheet HTML 5Page - Anpec Electronics Coropration APL1085FCTUL Datasheet HTML 6Page - Anpec Electronics Coropration APL1085FCTUL Datasheet HTML 7Page - Anpec Electronics Coropration APL1085FCTUL Datasheet HTML 8Page - Anpec Electronics Coropration APL1085FCTUL Datasheet HTML 9Page - Anpec Electronics Coropration Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Copyright  ANPEC Electronics Corp.
Rev. B.5 - Jun., 2003
APL1085
www.anpec.com.tw
1
ANPEC reserves the right to make changes to improve reliability or manufacturability without notice, and advise
customers to obtain the latest version of relevant information to verify before placing orders.
3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
••••• Fast Transient Response
••••• Guaranteed Dropout Voltage at Multiple Cur-
rents
••••• Load Regulation : 0.05% Typ.
••••• Line Regulation : 0.03% Typ.
••••• Low Dropout Voltage : 1.2V Typ. at I
OUT =3A
••••• Trimmed Current Limit : 3A Typ. at T
J=125 °C
••••• On-Chip Thermal Limiting : 150 °C Typ.
••••• Standard 3-pin TO-220 , TO-252 and TO-263
Power Package
Features
General Description
Applications
••••• PentiumTM Processor Supplies
••••• PowerPCTM Supplies
••••• Low Voltage Logic Supplies
••••• Battery-Powered Circuitry
••••• Post Regulator for Switching Power Supply
The APL1085 is a low dropout three-terminal adjust-
able regulator with 3A output current capability. In
order to obtain lower dropout voltage and faster tran-
sient response, which is critical for low voltage
applications, the APL1085 has been optimized. The
output available voltage range of adjustable version
is from 1.25~5.75V with an input supply below 7V ,
and the fixed 3.3V output voltage device is also
available.
Current limit is trimmed to ensure specified output
current and controlled short-circuit current. On-chip
thermal limiting provides protection against any com-
bination of overload that would create excessive junc-
tion temperatures.
The APL1085 is available in both the through-hole
and surface mount versions of the industry standard
Front View APL1085 TO-263 Package
Front View APL1085 TO-252 Package
1
2
3
V
IN
V
OUT
ADJ
TAB is V
OUT
Front View APL1085 TO-220 Package
Pin Description
TA B is V
OU T
1
2
3
V
IN
V
OU T
AD J
1
2
3
V
IN
V
OU T
AD J
TA B is V
OU T


Similar Part No. - APL1085FCTUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1085 ANPEC-APL1085 Datasheet
199Kb / 12P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL108533FC-TRG ANPEC-APL108533FC-TRG Datasheet
199Kb / 12P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL108533FC-TRL ANPEC-APL108533FC-TRL Datasheet
199Kb / 12P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL108533FC-TUG ANPEC-APL108533FC-TUG Datasheet
199Kb / 12P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL108533FC-TUL ANPEC-APL108533FC-TUL Datasheet
199Kb / 12P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
More results

Similar Description - APL1085FCTUL

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APL1085 ANPEC-APL1085_12 Datasheet
199Kb / 12P
   3A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1084 ANPEC-APL1084_11 Datasheet
220Kb / 14P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1541 ANPEC-APL1541 Datasheet
132Kb / 13P
   1A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1084 ANPEC-APL1084 Datasheet
241Kb / 12P
   5A Low Dropout Fast Response Positive Adjustable Regulator and Fixed 3.3V
APL1087 ANPEC-APL1087_08 Datasheet
360Kb / 16P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed
APL1087R ANPEC-APL1087R Datasheet
116Kb / 12P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087 ANPEC-APL1087 Datasheet
139Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
APL1087E ANPEC-APL1087E Datasheet
143Kb / 14P
   800mA Low Dropout Fast Response Positive Adjustable Regulator and Fixed 1.8V, 2.5V and 3.3V
logo
Linear Technology
LT1584CT-33 LINER-LT1584CT-33 Datasheet
226Kb / 16P
   7A, 4.6A, 3A Low Dropout Fast Response Positive Regulators Adjustable and Fixed
logo
ON Semiconductor
LT1585A ONSEMI-LT1585A Datasheet
152Kb / 9P
   5A LOW DROPOUT FAST RESPONSE POSITIVE ADJUSTABLE AND FIXED VOLTAGE REGULATOR
1999 Rev 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com