Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VCX541FT Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC74VCX541FT
Description  Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX541FT Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74VCX541FT_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74VCX541FT_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX541FT_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX541FT_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX541FT_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX541FT_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX541FT_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX541FT_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX541FT_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
TC74VCX541FT/FK/FTG
2007-10-19
2
Pin Assignment (top view)
IEC Logic Level
Truth Table
Inputs
1
OE
2
OE
An
Outputs
H
X
X
Z
X
H
X
Z
L
L
H
H
L
L
L
L
X: Don’t care
Z: High impedance
VCC
20
2
OE
Y1
Y2
Y3
Y4
19
18
17
16
15
14
1
OE
1
2
3
4
5
6
7
A1
A2
A3
A4
A5
A6
Y5
8
9
10
A7
A8
GND
13
12
11
Y6
Y7
Y8
2
OE
(19)
(2)
(4)
(3)
A8
A2
A1
(6)
(5)
(8)
(7)
(9)
A3
A6
A5
A7
(18)
(16)
(14)
(12)
Y8
Y2
Y4
Y6
(17)
(15)
(13)
Y1
Y3
Y5
EN
(11)
Y7
A4
1
OE
&
(1)
1
2
3
5
A2
A3
A4
A5
A6
6
7
8
9
10
15
14
13
12
11
A7
A8 GND Y8
Y7
Y2
Y3
Y4
Y5
Y6
20
19
18
17
16
A1
VCC
Y1
4
1
OE
2
OE
FT(TSSOP20-P-0044-0.65)
FK(VSSOP20-P-0030-0.50)
FTG(VQON20-P-0404-0.50)


Similar Part No. - TC74VCX541FT_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX541FT TOSHIBA-TC74VCX541FT Datasheet
316Kb / 8P
   LOW VOLTAGE OCTAL BUS BUFFER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - TC74VCX541FT_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MA2244FK TOSHIBA-TC7MA2244FK_07 Datasheet
220Kb / 9P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX2244FT TOSHIBA-TC74VCX2244FT_07 Datasheet
244Kb / 10P
   Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC7MA244FK TOSHIBA-TC7MA244FK_07 Datasheet
226Kb / 11P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC7MA541FK TOSHIBA-TC7MA541FK_07 Datasheet
225Kb / 10P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX244FT TOSHIBA-TC74VCX244FT_07 Datasheet
263Kb / 12P
   Low-Voltage Octal Bus Buffer with 3.6 V Tolerant Inputs and Outputs
TC74VCX2541FT TOSHIBA-TC74VCX2541FT_07 Datasheet
272Kb / 12P
   Low-Voltage Octal Bus Buffer with 3.6-V Tolerant Inputs and Outputs
TC7MAR2245FK TOSHIBA-TC7MAR2245FK Datasheet
225Kb / 10P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC74VCX245FT TOSHIBA-TC74VCX245FT_07 Datasheet
275Kb / 13P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC7MA245FK TOSHIBA-TC7MA245FK_07 Datasheet
239Kb / 11P
   Low-Voltage Octal Bus Transceiver with 3.6 V Tolerant Inputs and Outputs
TC74VCXR2245FT TOSHIBA-TC74VCXR2245FT_07 Datasheet
260Kb / 11P
   Low-Voltage Octal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com