Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFL4105PBF Datasheet(PDF) 3 Page - International Rectifier

Part # IRFL4105PBF
Description  HEXFET짰 Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFL4105PBF Datasheet(HTML) 3 Page - International Rectifier

  IRFL4105PBF Datasheet HTML 1Page - International Rectifier IRFL4105PBF Datasheet HTML 2Page - International Rectifier IRFL4105PBF Datasheet HTML 3Page - International Rectifier IRFL4105PBF Datasheet HTML 4Page - International Rectifier IRFL4105PBF Datasheet HTML 5Page - International Rectifier IRFL4105PBF Datasheet HTML 6Page - International Rectifier IRFL4105PBF Datasheet HTML 7Page - International Rectifier IRFL4105PBF Datasheet HTML 8Page - International Rectifier IRFL4105PBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
IRFL4105PBF
www.irf.com
3
Fig 3. Typical Transfer Characteristics
Fig 4. Normalized On-Resistance
Vs. Temperature
Fig 1. Typical Output Characteristics,
TJ = 25oC
1
10
100
0.1
1
10
100
V
, Drain-to-Source Voltage (V)
DS
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM 4.5V
20µs PULSE WIDTH
T = 25°C
C
A
4.5V
1
10
100
0.1
1
10
100
V
, Drain-to-Source Voltage (V)
DS
VGS
TOP
15V
10V
8.0V
7.0V
6.0V
5.5V
5.0V
BOTTOM 4.5V
20µs PULSE WIDTH
T = 150°C
A
4.5V
J
Fig 2. Typical Output Characteristics,
TJ = 150
oC
0.0
0.5
1.0
1.5
2.0
-60
-40
-20
0
20
40
60
80
100 120 140 160
J
T , Junction Temperature (°C)
V
= 10V
GS
A
I
= 3.7A
D
1
10
100
4.0
4.5
5.0
5.5
6.0
6.5
7.0
GS
V
, Gate-to-Source Voltage (V)
A
V
= 25V
20µs PULSE WIDTH
T = 150°C
T = 25°C
DS
J
J


Similar Part No. - IRFL4105PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFL4105PBF VISHAY-IRFL4105PBF Datasheet
163Kb / 9P
   Advanced Process Technology
logo
International Rectifier
IRFL4105PBF IRF-IRFL4105PBF Datasheet
163Kb / 9P
   Advanced Process Technology
logo
Infineon Technologies A...
IRFL4105PBF INFINEON-IRFL4105PBF Datasheet
498Kb / 10P
   HEXFET짰 Power MOSFET
2016-5-27
logo
International Rectifier
IRFL4105PBF IRF-IRFL4105PBF_15 Datasheet
163Kb / 9P
   Advanced Process Technology
More results

Similar Description - IRFL4105PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFBA1405PPBF IRF-IRFBA1405PPBF Datasheet
153Kb / 10P
   HEXFET짰 Power MOSFET
IRFR3707PBF IRF-IRFR3707PBF Datasheet
221Kb / 9P
   HEXFET짰 Power MOSFET
IRFZ44EPBF IRF-IRFZ44EPBF Datasheet
147Kb / 8P
   HEXFET짰 Power MOSFET
IRLZ44NSPBF IRF-IRLZ44NSPBF Datasheet
336Kb / 10P
   HEXFET짰 Power MOSFET
IRF520VPBF IRF-IRF520VPBF Datasheet
150Kb / 8P
   HEXFET짰 Power MOSFET
IRFBC40SPBF IRF-IRFBC40SPBF Datasheet
360Kb / 10P
   HEXFET짰 Power MOSFET
IRLIZ24NPBF IRF-IRLIZ24NPBF Datasheet
843Kb / 8P
   HEXFET짰 Power MOSFET
IRF1010EPBF IRF-IRF1010EPBF Datasheet
231Kb / 8P
   HEXFET짰 Power MOSFET
IRFI1010NPBF IRF-IRFI1010NPBF Datasheet
234Kb / 9P
   HEXFET짰 Power MOSFET
IRFD014PBF IRF-IRFD014PBF Datasheet
2Mb / 8P
   HEXFET짰 Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com