Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VCX574FT Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC74VCX574FT
Description  Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX574FT Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC74VCX574FT_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX574FT_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX574FT_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX574FT_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX574FT_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX574FT_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX574FT_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX574FT_07 Datasheet HTML 9Page - Toshiba Semiconductor TC74VCX574FT_07 Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TC74VCX574FT/FK
2007-10-19
6
DC Characteristics (Ta
= −40~85°C, 1.2 V <= VCC < 1.4 V)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
High level
VIH
1.2~1.4
0.8
×
VCC
Input
voltage
Low level
VIL
1.2~1.4
0.05
×
VCC
V
High level
VOH
VIN = VIH or VIL
IOH = −100 μA
1.2
VCC
0.1
Output
voltage
Low level
VOL
VIN = VIH or VIL
IOL = 100 μA
1.2
0.05
V
Input leakage current
IIN
VIN = 0~3.6 V
1.2
±5.0
μA
3-state output off-state current
IOZ
VIN = VIH or VIL
VOUT = 0~3.6 V
1.2
±10.0
μA
Power off leakage current
IOFF
VIN, VOUT = 0~3.6 V
0
10.0
μA
VIN = VCC or GND
1.2
20.0
Quiescent supply current
ICC
VCC <= (VIN, VOUT) <= 3.6 V
1.2
±20.0
μA


Similar Part No. - TC74VCX574FT_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX574FT TOSHIBA-TC74VCX574FT Datasheet
336Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - TC74VCX574FT_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MA374FK TOSHIBA-TC7MA374FK_07 Datasheet
234Kb / 12P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC7MA2574FK TOSHIBA-TC7MA2574FK Datasheet
218Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC74VCX374FT TOSHIBA-TC74VCX374FT_07 Datasheet
271Kb / 13P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC7MA574FK TOSHIBA-TC7MA574FK_07 Datasheet
234Kb / 12P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC74VCX374FT TOSHIBA-TC74VCX374FT_V01 Datasheet
273Kb / 15P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
2010-09-17
TC74VCX2374FT TOSHIBA-TC74VCX2374FT_07 Datasheet
253Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX2574FT TOSHIBA-TC74VCX2574FT_07 Datasheet
253Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC7MA2374FK TOSHIBA-TC7MA2374FK_07 Datasheet
228Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC74VCX74FT TOSHIBA-TC74VCX74FT_07 Datasheet
262Kb / 11P
   Low-Voltage Dual D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX16721FT TOSHIBA-TC74VCX16721FT Datasheet
217Kb / 12P
   Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com