Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VCX574FT Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74VCX574FT
Description  Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX574FT Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74VCX574FT_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74VCX574FT_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX574FT_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX574FT_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX574FT_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX574FT_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX574FT_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX574FT_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX574FT_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
TC74VCX574FT/FK
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VCX574FT, TC74VCX574FK
Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
The TC74VCX574 is a high performance CMOS octal D-type
flip-flop which is guaranteed to operate from 1.2-V to 3.6-V.
Designed for use in 1.5 V, 1.8 V, 2.5 V or 3.3 V systems, it
achieves high speed operation while maintaining the CMOS low
power dissipation.
It is also designed with over voltage tolerant inputs and
outputs up to 3.6 V.
This 8 bit D-type flip-flop is controlled by a clock input (CK)
and an output enable input ( OE ).When OE input is high, the
eight outputs are in a high impedance state.
All inputs are equipped with protection circuits against static
discharge.
Features
• Low voltage operation: VCC = 1.2~3.6 V
• High speed operation: tpd = 4.2 ns (max) (VCC = 3.0~3.6 V)
tpd = 4.8 ns (max) (VCC = 2.3~2.7 V)
tpd = 9.6 ns (max) (VCC = 1.65~1.95 V)
tpd = 19.2 ns (max) (VCC = 1.4~1.6 V)
tpd = 48.0 ns (max) (VCC = 1.2 V)
• 3.6 V tolerant inputs and outputs.
• Output current: IOH/IOL = ±24 mA (min) (VCC = 3.0 V)
IOH/IOL = ±18 mA (min) (VCC = 2.3 V)
IOH/IOL = ±6 mA (min) (VCC = 1.65 V)
IOH/IOL = ±2 mA (min) (VCC = 1.4 V)
• Latch-up performance: −300 mA
• ESD performance: Machine model ≥ ±200 V
Human body model
≥ ±2000 V
• Package: TSSOP and VSSOP (US)
• Power down protection is provided on all inputs and outputs.
TC74VCX574FT
TC74VCX574FK
Weight
TSSOP20-P-0044-0.65A
: 0.08 g (typ.)
VSSOP20-P-0030-0.50
: 0.03 g (typ.)


Similar Part No. - TC74VCX574FT_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX574FT TOSHIBA-TC74VCX574FT Datasheet
336Kb / 9P
   LOW VOLTAGE OCTAL D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - TC74VCX574FT_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MA374FK TOSHIBA-TC7MA374FK_07 Datasheet
234Kb / 12P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC7MA2574FK TOSHIBA-TC7MA2574FK Datasheet
218Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC74VCX374FT TOSHIBA-TC74VCX374FT_07 Datasheet
271Kb / 13P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC7MA574FK TOSHIBA-TC7MA574FK_07 Datasheet
234Kb / 12P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC74VCX374FT TOSHIBA-TC74VCX374FT_V01 Datasheet
273Kb / 15P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
2010-09-17
TC74VCX2374FT TOSHIBA-TC74VCX2374FT_07 Datasheet
253Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX2574FT TOSHIBA-TC74VCX2574FT_07 Datasheet
253Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC7MA2374FK TOSHIBA-TC7MA2374FK_07 Datasheet
228Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC74VCX74FT TOSHIBA-TC74VCX74FT_07 Datasheet
262Kb / 11P
   Low-Voltage Dual D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX16721FT TOSHIBA-TC74VCX16721FT Datasheet
217Kb / 12P
   Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com