Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3971A Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # MAX3971A
Description  3.3V, 10.7Gbps Limiting Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3971A Datasheet(HTML) 5 Page - Maxim Integrated Products

  MAX3971A Datasheet HTML 1Page - Maxim Integrated Products MAX3971A Datasheet HTML 2Page - Maxim Integrated Products MAX3971A Datasheet HTML 3Page - Maxim Integrated Products MAX3971A Datasheet HTML 4Page - Maxim Integrated Products MAX3971A Datasheet HTML 5Page - Maxim Integrated Products MAX3971A Datasheet HTML 6Page - Maxim Integrated Products MAX3971A Datasheet HTML 7Page - Maxim Integrated Products MAX3971A Datasheet HTML 8Page - Maxim Integrated Products MAX3971A Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Pin Description
PIN
NAME
FUNCTION
1
GNDIN+
Input Ground for Shielding Input Signal IN+. Not connected internally.
2
IN+
Noninverting Input Signal
3
IN-
Inverting Input Signal
4
GNDIN-
Input Ground for Shielding Input Signal IN-. Not connected internally.
5, 7, 9, 10
N.C.
No Connection. Leave unconnected.
6, 8, 11
GND
Ground
12, 15
VCC3
Output Circuitry Power Supply
13
OUT-
Inverting Output of Amplifier
14
OUT+
Noninverting Output of Amplifier
16
DISABLE
When DISABLE is connected to VCC or left floating, outputs are disabled. When DISABLE is
connected to GND, outputs are enabled.
17
VCC2
Power Supply to Circuitry other than Input and Output Circuits
18
CZ+
Filter Capacitor for Offset Correction. Connect CZ between pin 18 and pin 19. See the Detailed
Description section.
19
CZ-
Filter Capacitor for Offset Correction. Connect CZ between pin 18 and pin 19. See the Detailed
Description section.
20
VCC1
Input Circuitry Power Supply
EP
EXPOSED
PAD
Exposed Pad. Must be soldered to supply ground for proper electrical and thermal operation.
+3.3V, 10.7Gbps Limiting Amplifier
_______________________________________________________________________________________
5
Detailed Description and
Applications Information
Figure 1 is a functional diagram of the MAX3971A limit-
ing amplifier. The signal path consists of an input buffer
followed by a gain stage and output amplifier. A feed-
back loop provides offset correction by driving the
average value of the differential output to zero.
Gain Stage and Offset Correction
The limiting amplifier provides approximately 42dB
gain. The large gain makes the amplifier susceptible to
small DC offsets, which cause deterministic jitter. A
low-frequency loop is integrated into the limiting ampli-
fier to reduce output offset, typically to less than 2mV.
The external capacitor (CZ) is required for stability and
to set the low-frequency cutoff for the offset correction
loop. The time constant of the loop is set by the product
of an equivalent 20k
Ω on-chip resistor and the value of
the off-chip capacitor (CZ). For stable operation, the
minimum value of CZ is 0.01µF. To minimize pattern-
dependent jitter, CZ should be as large as possible.
For 10Gbps ethernet and SONET applications, the typi-
cal value of CZ is 0.1µF. Keep CZ close to the package
to reduce parasitic inductance.
CML Input Circuit
The input buffer is designed to accept CML input sig-
nals such as the output from the MAX3970 transimped-
ance amplifier. An equivalent circuit for the input is
shown in Figure 2. For lowest deterministic jitter in all
operating conditions, AC-coupling capacitors are rec-
ommended on the input.
MAX3971A
CZ-
CZ+
LOWPASS
FILTER
CZ
OFFSET
CORRECTION
AMP
INPUT
AMPLIFIER
GAIN
42dB
OUTPUT
AMPLIFIER
OUT+
OUT-
IN+
GNDIN+
GNDIN-
IN-
DISABLE
100
Figure 1. Functional Diagram


Similar Part No. - MAX3971A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3971A MAXIM-MAX3971A Datasheet
454Kb / 9P
   3.3V, 10.7Gbps Limiting Amplifier
19-2391; Rev 2; 2/07
MAX3971AU/D MAXIM-MAX3971AU/D Datasheet
454Kb / 9P
   3.3V, 10.7Gbps Limiting Amplifier
19-2391; Rev 2; 2/07
MAX3971AUGP MAXIM-MAX3971AUGP Datasheet
61Kb / 7P
   PLASTIC ENCAPSULATED DEVICES
Rev. B July 23, 2002
MAX3971AUGP MAXIM-MAX3971AUGP Datasheet
454Kb / 9P
   3.3V, 10.7Gbps Limiting Amplifier
19-2391; Rev 2; 2/07
MAX3971AUTP MAXIM-MAX3971AUTP Datasheet
454Kb / 9P
   3.3V, 10.7Gbps Limiting Amplifier
19-2391; Rev 2; 2/07
More results

Similar Description - MAX3971A

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3971A MAXIM-MAX3971A_V01 Datasheet
454Kb / 9P
   3.3V, 10.7Gbps Limiting Amplifier
19-2391; Rev 2; 2/07
logo
Micrel Semiconductor
SY88953L MICREL-SY88953L Datasheet
779Kb / 9P
   3.3V 10.7Gbps CML LIMITING POST AMPLIFIER W/ TTL SD AND /SD
logo
Maxim Integrated Produc...
MAX3971 MAXIM-MAX3971 Datasheet
1Mb / 10P
   3.3V, 10.3Gbps Limiting Amplifier
Rev 1; 12/02
MAX3822 MAXIM-MAX3822 Datasheet
1Mb / 14P
   3.3V, 2.5Gbps Quad Limiting Amplifier
Rev 1; 7/04
MAX3822 MAXIM-MAX3822_V01 Datasheet
624Kb / 10P
   3.3V, 2.5Gbps Quad Limiting Amplifier
19-2144; Rev 2; 7/06
MAX3272 MAXIM-MAX3272 Datasheet
549Kb / 12P
   3.3V, 2.5Gbps Low-Power Limiting Amplifier
MAX3866 MAXIM-MAX3866 Datasheet
200Kb / 12P
   2.5Gbps, 3.3V Combined Transimpedance/Limiting Amplifier
19-1433; Rev 1; 3/99
logo
Micrel Semiconductor
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BL MICREL-SY88343BL_10 Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88289CL MICREL-SY88289CL_10 Datasheet
298Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com