Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3971AUGP Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX3971AUGP
Description  3.3V, 10.7Gbps Limiting Amplifier
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3971AUGP Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX3971AUGP Datasheet HTML 1Page - Maxim Integrated Products MAX3971AUGP Datasheet HTML 2Page - Maxim Integrated Products MAX3971AUGP Datasheet HTML 3Page - Maxim Integrated Products MAX3971AUGP Datasheet HTML 4Page - Maxim Integrated Products MAX3971AUGP Datasheet HTML 5Page - Maxim Integrated Products MAX3971AUGP Datasheet HTML 6Page - Maxim Integrated Products MAX3971AUGP Datasheet HTML 7Page - Maxim Integrated Products MAX3971AUGP Datasheet HTML 8Page - Maxim Integrated Products MAX3971AUGP Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
+3.3V, 10.7Gbps Limiting Amplifier
_______________________________________________________________________________________
3
OUTPUT EYE DIAGRAM
(INPUT SIGNAL = 10mVP-P, AT 10.7Gbps)
20ps/div
45mV/div
223 - 1PRBS
OUTPUT EYE DIAGRAM
(INPUT SIGNAL = 5mVP-P, AT 10.3Gbps)
20ps/div
45mV/div
223 - 1PRBS
OUTPUT EYE DIAGRAM
(INPUT SIGNAL = 1200mVP-P, AT 10.3Gbps)
20ps/div
45mV/div
223 - 1PRBS
OUTPUT EYE DIAGRAM
(INPUT SIGNAL = 800mVP-P, AT 10.7Gbps)
20ps/div
45mV/div
223 - 1PRBS
OUTPUT VOLTAGE vs. INPUT VOLTAGE
VIN (mVP-P)
5
4
3
2
1
170
190
210
230
250
270
150
06
SUPPLY CURRENT
vs. AMBIENT TEMPERATURE
TEMPERATURE (
°C)
70
60
40
50
20
30
10
42
44
46
48
50
52
54
56
58
60
40
080
SMALL-SIGNAL GAIN
FREQUENCY (GHz)
14
13
11 12
4 5 6 7 8 9 10
2 3
5
10
15
20
25
30
35
40
45
50
0
115
MAX3971A UGP
RANDOM JITTER vs. INPUT AMPLITUDE
INPUT AMPLITUDE (mVP-P)
1000
100
10
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
1
10,000
DETERMINISTIC JITTER
vs. INPUT AMPLITUDE
INPUT AMPLITUDE (mVP-P)
1000
100
10
1
2
3
4
5
6
0
1
10,000
10.7Gbps, K28.5,
VCC = +3V, TEMP = 85
°C
Typical Operating Characteristics
(VCC = +3.3V, output load = 50
Ω to VCC, TA = +25°C, unless otherwise noted.)


Similar Part No. - MAX3971AUGP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3971AUGP MAXIM-MAX3971AUGP Datasheet
61Kb / 7P
   PLASTIC ENCAPSULATED DEVICES
Rev. B July 23, 2002
MAX3971AUGP MAXIM-MAX3971AUGP Datasheet
454Kb / 9P
   3.3V, 10.7Gbps Limiting Amplifier
19-2391; Rev 2; 2/07
More results

Similar Description - MAX3971AUGP

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3971A MAXIM-MAX3971A_V01 Datasheet
454Kb / 9P
   3.3V, 10.7Gbps Limiting Amplifier
19-2391; Rev 2; 2/07
logo
Micrel Semiconductor
SY88953L MICREL-SY88953L Datasheet
779Kb / 9P
   3.3V 10.7Gbps CML LIMITING POST AMPLIFIER W/ TTL SD AND /SD
logo
Maxim Integrated Produc...
MAX3971 MAXIM-MAX3971 Datasheet
1Mb / 10P
   3.3V, 10.3Gbps Limiting Amplifier
Rev 1; 12/02
MAX3822 MAXIM-MAX3822 Datasheet
1Mb / 14P
   3.3V, 2.5Gbps Quad Limiting Amplifier
Rev 1; 7/04
MAX3822 MAXIM-MAX3822_V01 Datasheet
624Kb / 10P
   3.3V, 2.5Gbps Quad Limiting Amplifier
19-2144; Rev 2; 7/06
MAX3272 MAXIM-MAX3272 Datasheet
549Kb / 12P
   3.3V, 2.5Gbps Low-Power Limiting Amplifier
MAX3866 MAXIM-MAX3866 Datasheet
200Kb / 12P
   2.5Gbps, 3.3V Combined Transimpedance/Limiting Amplifier
19-1433; Rev 1; 3/99
logo
Micrel Semiconductor
SY88343DL MICREL-SY88343DL_10 Datasheet
289Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88343BL MICREL-SY88343BL_10 Datasheet
283Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
SY88289CL MICREL-SY88289CL_10 Datasheet
298Kb / 10P
   3.3V, 3.2Gbps CML Limiting Post Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com