Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VCX16835FT Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TC74VCX16835FT
Description  Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX16835FT Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TC74VCX16835FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX16835FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX16835FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX16835FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX16835FT Datasheet HTML 9Page - Toshiba Semiconductor TC74VCX16835FT Datasheet HTML 10Page - Toshiba Semiconductor TC74VCX16835FT Datasheet HTML 11Page - Toshiba Semiconductor TC74VCX16835FT Datasheet HTML 12Page - Toshiba Semiconductor TC74VCX16835FT Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
TC74VCX16835FT
2007-10-19
9
Dynamic Switching Characteristics
(Ta
= 25°C, input: tr = tf = 2.0 ns, CL = 30 pF, RL = 500 Ω)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
VIH = 1.8 V, VIL = 0 V
(Note)
1.8
0.35
VIH = 2.5 V, VIL = 0 V
(Note)
2.5
0.7
Quiet output maximum
dynamic VOL
VOLP
VIH = 3.3 V, VIL = 0 V
(Note)
3.3
0.9
V
VIH = 1.8 V, VIL = 0 V
(Note)
1.8
0.35
VIH = 2.5 V, VIL = 0 V
(Note)
2.5
0.7
Quiet output minimum
dynamic VOL
VOLV
VIH = 3.3 V, VIL = 0 V
(Note)
3.3
0.9
V
VIH = 1.8 V, VIL = 0 V
(Note)
1.8
1.3
VIH = 2.5 V, VIL = 0 V
(Note)
2.5
1.7
Quiet output minimum
dynamic VOH
VOHV
VIH = 3.3 V, VIL = 0 V
(Note)
3.3
2.0
V
Note:
Parameter guaranteed by design.
Capacitive Characteristics (Ta = 25°C)
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Unit
Input capacitance
CIN
1.8, 2.5, 3.3
6
pF
Output capacitance
COUT
1.8, 2.5, 3.3
7
pF
Power dissipation capacitance
CPD
fIN = 10 MHz
(Note)
1.8, 2.5, 3.3
20
pF
Note:
CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD・VCC・fIN + ICC/18 (per bit)


Similar Part No. - TC74VCX16835FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX16835FT TOSHIBA-TC74VCX16835FT Datasheet
445Kb / 13P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS DRIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - TC74VCX16835FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX162835FT TOSHIBA-TC74VCX162835FT_07 Datasheet
240Kb / 14P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16834FT TOSHIBA-TC74VCX16834FT Datasheet
221Kb / 12P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
TC74VCX162834FT TOSHIBA-TC74VCX162834FT_07 Datasheet
227Kb / 12P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162600FT TOSHIBA-TC74VCXR162600FT_07 Datasheet
239Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16500FT TOSHIBA-TC74VCX16500FT_07 Datasheet
231Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16501FT TOSHIBA-TC74VCX16501FT_07 Datasheet
230Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162500FT TOSHIBA-TC74VCXR162500FT_07 Datasheet
236Kb / 13P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162501FT TOSHIBA-TC74VCXR162501FT_07 Datasheet
237Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16601FT TOSHIBA-TC74VCX16601FT_07 Datasheet
230Kb / 13P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16600FT TOSHIBA-TC74VCX16600FT_07 Datasheet
233Kb / 15P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com