Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VCX16843FT Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TC74VCX16843FT
Description  Low-Voltage 18-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX16843FT Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TC74VCX16843FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX16843FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX16843FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX16843FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX16843FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX16843FT Datasheet HTML 9Page - Toshiba Semiconductor TC74VCX16843FT Datasheet HTML 10Page - Toshiba Semiconductor TC74VCX16843FT Datasheet HTML 11Page - Toshiba Semiconductor TC74VCX16843FT Datasheet HTML 12Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
TC74VCX16843FT
2007-10-19
9
AC Test Circuit
AC Waveform
Figure 3 tpLH, tpHL, tw
tpLH
tw (L)
tw (L)
tpHL
VM
VM
GND
VIH
GND
VIH
VOL
VOH
Output
(Q)
Input
( CLR )
Input
( PR )
VM
VM
Figure 2 tpLH, tpHL, tw, ts, th
th (L)
ts (L)
10%
90%
VM
VIH
GND
VIH
GND
VOH
VOL
ts (H)
th (H)
tf 2.0 ns
tr 2.0 ns
90%
VM
10%
VM
VM
tpHL
tpLH
VM
tw (H)
tpLH
tpHL
VM
Input
(LE)
Input
(D)
Output
(Q)
tr 2.0 ns
tf 2.0 ns
Figure 1
Parameter
Switch
tpLH, tpHL
Open
tpLZ, tpZL
6.0 V
@VCC = 3.3 ± 0.3 V
VCC × 2
@VCC = 2.5 ± 0.2 V
@VCC = 1.8 V
tpHZ, tpZH
GND
6.0 V or VCC × 2
Open
GND
Switch
Output
Measure
CL = 30 pF
RL = 500 Ω


Similar Part No. - TC74VCX16843FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX16843FT TOSHIBA-TC74VCX16843FT Datasheet
393Kb / 11P
   LOW VOLTAGE 18-BIT D-TYPE LATCH WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - TC74VCX16843FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX162843FT TOSHIBA-TC74VCX162843FT_07 Datasheet
228Kb / 12P
   Low-Voltage 18-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX16841FT TOSHIBA-TC74VCX16841FT_07 Datasheet
219Kb / 12P
   Low-Voltage 20-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX162373FT TOSHIBA-TC74VCX162373FT_07 Datasheet
222Kb / 12P
   Low-Voltage 16-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX162841FT TOSHIBA-TC74VCX162841FT_07 Datasheet
226Kb / 12P
   Low-Voltage 20-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX16373FT TOSHIBA-TC74VCX16373FT_07 Datasheet
216Kb / 12P
   Low-Voltage 16-Bit D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC74VCX573FT TOSHIBA-TC74VCX573FT_07 Datasheet
272Kb / 13P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX2573FT TOSHIBA-TC74VCX2573FT_07 Datasheet
254Kb / 12P
   Low-Voltage Octal D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC7MA2373FK TOSHIBA-TC7MA2373FK_07 Datasheet
229Kb / 11P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
TC74VCX2373FT TOSHIBA-TC74VCX2373FT_07 Datasheet
253Kb / 11P
   Low-Voltage Octal D-Type Latch with 3.6-V Tolerant Inputs and Outputs
TC7MA573FK TOSHIBA-TC7MA573FK Datasheet
235Kb / 12P
   Low-Voltage Octal D-Type Latch with 3.6 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com