Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VCX162374FT Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74VCX162374FT
Description  Low-Voltage 16-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCX162374FT Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74VCX162374FT Datasheet HTML 1Page - Toshiba Semiconductor TC74VCX162374FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VCX162374FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VCX162374FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VCX162374FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VCX162374FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VCX162374FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VCX162374FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VCX162374FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
TC74VCX162374FT
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VCX162374FT
Low-Voltage 16-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
The TC74VCX162374FT is a high-performance CMOS 16-bit
D-type flip-flop. Designed for use in 1.8-V, 2.5-V or 3.3-V systems,
it achieves high-speed operation while maintaining the CMOS
low power dissipation.
It is also designed with overvoltage tolerant inputs and outputs
up to 3.6 V.
This 16-bit D-type flip-flop is controlled by a clock input (CK)
and an output enable input (OE) which are common to each byte.
It can be used as two 8-bit flip-flops or one 16-bit flip-flop. When
the OE input is high, the outputs are in a high-impedance state.
The 26-Ω series resistor helps reducing output overshoot and
undershoot without external resistor.
All inputs are equipped with protection circuits against static discharge.
Features
• 26-Ω series resistors on outputs
• Low-voltage operation: VCC = 1.8 to 3.6 V
• High-speed operation: tpd = 3.4 ns (max) (VCC = 3.0 to 3.6 V)
: tpd = 4.8 ns (max) (VCC = 2.3 to 2.7 V)
: tpd = 6.0 ns (max) (VCC = 1.8 V)
• Output current: IOH/IOL = ±12 mA (min) (VCC = 3.0 V)
: IOH/IOL = ±8 mA (min) (VCC = 2.3 V)
: IOH/IOL = ±4 mA (min) (VCC = 1.8 V)
• Latch-up performance: −300 mA
• ESD performance: Machine model ≥ ±200 V
Human body model
≥ ±2000 V
• Package: TSSOP
• 3.6-V tolerant function and power-down protection provided on all inputs and outputs
Weight: 0.25 g (typ.)


Similar Part No. - TC74VCX162374FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX162374FT TOSHIBA-TC74VCX162374FT Datasheet
372Kb / 10P
   LOW VOLTAGE 16-BIT D-TYPE FLIP-FLOP WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - TC74VCX162374FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCX16374FT TOSHIBA-TC74VCX16374FT_07 Datasheet
216Kb / 12P
   Low-Voltage 16-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX16721FT TOSHIBA-TC74VCX16721FT Datasheet
217Kb / 12P
   Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX162821FT TOSHIBA-TC74VCX162821FT_07 Datasheet
225Kb / 12P
   Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX16821FT TOSHIBA-TC74VCX16821FT Datasheet
234Kb / 12P
   Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
2007-10-19
TC74VCX162721FT TOSHIBA-TC74VCX162721FT Datasheet
223Kb / 12P
   Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX162823FT TOSHIBA-TC74VCX162823FT Datasheet
229Kb / 12P
   Low-Voltage 18-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX162821FT TOSHIBA-TC74VCX162821FT Datasheet
175Kb / 12P
   Low-Voltage 20-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC74VCX16823FT TOSHIBA-TC74VCX16823FT Datasheet
223Kb / 12P
   Low-Voltage 18-Bit D-Type Flip-Flop with 3.6-V Tolerant Inputs and Outputs
TC7MA374FK TOSHIBA-TC7MA374FK_07 Datasheet
234Kb / 12P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
TC7MA2574FK TOSHIBA-TC7MA2574FK Datasheet
218Kb / 11P
   Low-Voltage Octal D-Type Flip-Flop with 3.6 V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com