Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VCXH16245FT Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74VCXH16245FT
Description  Low-Voltage 16-Bit Bus Transceiver with Bushold
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCXH16245FT Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74VCXH16245FT Datasheet HTML 1Page - Toshiba Semiconductor TC74VCXH16245FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VCXH16245FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VCXH16245FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VCXH16245FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VCXH16245FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VCXH16245FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VCXH16245FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VCXH16245FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
TC74VCXH16245FT
2007-10-19
5
Electrical Characteristics
DC Characteristics (Ta = −40 to 85°C, 2.7 V < VCC <= 3.6 V)
Characteristics
Symbol
Test Condition
VCC (V)
Min
Max
Unit
H-level
VIH
2.7 to 3.6
2.0
Input voltage
L-level
VIL
2.7 to 3.6
0.8
V
IOH = −100 μA
2.7 to 3.6
VCC
0.2
IOH = −12 mA
2.7
2.2
IOH = −18 mA
3.0
2.4
H-level
VOH
VIN = VIH or VIL
IOH = −24 mA
3.0
2.2
IOL = 100 μA
2.7 to 3.6
0.2
IOL = 12 mA
2.7
0.4
IOL = 18 mA
3.0
0.4
Output voltage
L-level
VOL
VIN = VIH or VIL
IOL = 24 mA
3.0
0.55
V
Input leakage current
(DIR, OE )
IIN
VIN = 0 to 3.6 V
2.7 to 3.6
±5.0
μA
VIN = 0.8 V
3.0
75
Bushold input minimum drive hold
current
II (HOLD)
VIN = 2.0 V
3.0
75
μA
VIN= “L””H”
3.6
450
Bushold input over-drive current to
change state (Note)
II (OD)
VIN= “H””L”
3.6
450
μA
3-state output OFF state current
IOZ
VIN = VIH or VIL
VOUT = VCC or GND
2.7 to 3.6
±10.0
μA
Quiescent supply current
ICC
VIN = VCC or GND
2.7 to 3.6
20.0
μA
Increase in ICC per input
ΔICC
VIH = VCC 0.6 V
2.7 to 3.6
750
μA
Note:
It is a necessary electric current to change the input in "L" or "H".


Similar Part No. - TC74VCXH16245FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCXH16245 TOSHIBA-TC74VCXH16245 Datasheet
313Kb / 11P
   CMOS Digital Integrated Circuits Silicon Monolithic
2021-05-18 Rev.2.0
More results

Similar Description - TC74VCXH16245FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT Datasheet
165Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT_07 Datasheet
199Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXH16652FT TOSHIBA-TC74VCXH16652FT Datasheet
238Kb / 15P
   Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
TC74VCXH16646FT TOSHIBA-TC74VCXH16646FT_07 Datasheet
239Kb / 15P
   Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
TC74VCXHR162652FT TOSHIBA-TC74VCXHR162652FT Datasheet
245Kb / 15P
   Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
TC74VCXH16646FT TOSHIBA-TC74VCXH16646FT Datasheet
198Kb / 15P
   Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
TC74VCXH16244FT TOSHIBA-TC74VCXH16244FT_07 Datasheet
205Kb / 12P
   Low-Voltage 16-Bit Bus Buffer with Bushold
TC74VCXH162244FT TOSHIBA-TC74VCXH162244FT Datasheet
211Kb / 12P
   Low-Voltage 16-Bit Bus Buffer with Bushold
logo
Fairchild Semiconductor
74LCXH16245 FAIRCHILD-74LCXH16245 Datasheet
93Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
74LCXH16245 FAIRCHILD-74LCXH16245_05 Datasheet
98Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com