Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VCXH16646FT Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74VCXH16646FT
Description  Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCXH16646FT Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74VCXH16646FT Datasheet HTML 1Page - Toshiba Semiconductor TC74VCXH16646FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VCXH16646FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VCXH16646FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VCXH16646FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VCXH16646FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VCXH16646FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VCXH16646FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VCXH16646FT Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TC74VCXH16646FT
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VCXH16646FT
Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
The TC74VCXH16646FT is a high-performance CMOS 16-bit
bus transceiver/register. Designed for use in 1.8-V, 2.5-V or 3.3-V
systems, it achieves high-speed operation while maintaining the
CMOS low power dissipation.
This device is bus transceiver with 3-state outputs, D-type
flip-flops, and control circuitry arranged for multiplexed
transmission of data directly from the internal registers.
The A, B data inputs include active bushold circuitry,
eliminating the need for external pull-up resistors to hold unused
or floating data inputs at a valid logic level.
All inputs are equipped with protection circuits against static
discharge.
Features (Note)
• Low-voltage operation: VCC = 1.8 to 3.6 V
• Bushold on data inputs eliminating the need for external pull-up/pull-down resistors
• High-speed operation : tpd = 2.9 ns (max) (VCC = 3.0 to 3.6 V)
: tpd = 3.5 ns (max) (VCC = 2.3 to 2.7 V)
: tpd = 7.0 ns (max) (VCC = 1.8 V)
• 3.6-V tolerant control inputs
• Output current: IOH/IOL = ±24 mA (min) (VCC = 3.0 V)
: IOH/IOL = ±18 mA (min) (VCC = 2.3 V)
: IOH/IOL = ±6 mA (min) (VCC = 1.8 V)
• Latch-up performance: −300 mA
• ESD performance: Machine model ≥ ±200 V
Human body model
≥ ±2000 V
• Package: TSSOP
Note:
Do not apply a signal to any bus pins when it is in the output mode. Damage may result.
Weight: 0.25 g (typ.)


Similar Part No. - TC74VCXH16646FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCXH16646FT TOSHIBA-TC74VCXH16646FT Datasheet
198Kb / 15P
   Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
More results

Similar Description - TC74VCXH16646FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCXH16652FT TOSHIBA-TC74VCXH16652FT Datasheet
238Kb / 15P
   Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
TC74VCXHR162652FT TOSHIBA-TC74VCXHR162652FT Datasheet
245Kb / 15P
   Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
TC74VCXH16646FT TOSHIBA-TC74VCXH16646FT Datasheet
198Kb / 15P
   Low-Voltage 16-Bit Bus Transceiver/Register with Bushold
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT Datasheet
165Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT_07 Datasheet
199Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXH16245FT TOSHIBA-TC74VCXH16245FT Datasheet
190Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXH16244FT TOSHIBA-TC74VCXH16244FT_07 Datasheet
205Kb / 12P
   Low-Voltage 16-Bit Bus Buffer with Bushold
TC74VCXH162244FT TOSHIBA-TC74VCXH162244FT Datasheet
211Kb / 12P
   Low-Voltage 16-Bit Bus Buffer with Bushold
logo
Fairchild Semiconductor
74LCXH16245 FAIRCHILD-74LCXH16245 Datasheet
93Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
74LCXH16245 FAIRCHILD-74LCXH16245_05 Datasheet
98Kb / 8P
   Low Voltage 16-Bit Bidirectional Transceiver with Bushold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com