Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VCXH162827FT Datasheet(PDF) 11 Page - Toshiba Semiconductor

Part # TC74VCXH162827FT
Description  Low-Voltage 20-Bit Bus Buffer with Bushold
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCXH162827FT Datasheet(HTML) 11 Page - Toshiba Semiconductor

Back Button TC74VCXH162827FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VCXH162827FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VCXH162827FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VCXH162827FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VCXH162827FT Datasheet HTML 9Page - Toshiba Semiconductor TC74VCXH162827FT Datasheet HTML 10Page - Toshiba Semiconductor TC74VCXH162827FT Datasheet HTML 11Page - Toshiba Semiconductor TC74VCXH162827FT Datasheet HTML 12Page - Toshiba Semiconductor TC74VCXH162827FT Datasheet HTML 13Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
TC74VCXH162827FT
2007-10-19
11
VCC
Symbol
3.3
± 0.3 V
2.5
± 0.2 V
1.8 V
VIH
2.7 V
VCC
VCC
VM
1.5 V
VCC/2
VCC/2
VX
VOL + 0.3 V
VOL + 0.15 V
VOL + 0.15 V
VY
VOH 0.3 V
VOH 0.15 V
VOH 0.15 V
Figure 3 tpLZ, tpHZ, tpZL, tpZH
90%
10%
VOL
3.0 V or VCC
GND
VIH
VM
tpHZ
tpZH
tr 2.0 ns
VM
GND
VOH
Outputs
enabled
VM
tpLZ
tpZL
VY
Outputs
disabled
Outputs
enabled
Output Enable Control
(
OE )
Output (Y)
Low to Off to Low
Output (Y)
High to Off to High
VX
tf 2.0 ns


Similar Part No. - TC74VCXH162827FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCXH162244FT TOSHIBA-TC74VCXH162244FT Datasheet
211Kb / 12P
   Low-Voltage 16-Bit Bus Buffer with Bushold
TC74VCXH162373FT TOSHIBA-TC74VCXH162373FT Datasheet
221Kb / 13P
   Low-Voltage 16-Bit D-Type Latch with Bushold
TC74VCXH162374FT TOSHIBA-TC74VCXH162374FT Datasheet
176Kb / 13P
   Low-Voltage 16-Bit D-Type Flip-Flop with Bushold
TC74VCXH16244FT TOSHIBA-TC74VCXH16244FT Datasheet
205Kb / 12P
   Low-Voltage 16-Bit Bus Buffer with Bushold
TC74VCXH16244FT TOSHIBA-TC74VCXH16244FT_07 Datasheet
205Kb / 12P
   Low-Voltage 16-Bit Bus Buffer with Bushold
More results

Similar Description - TC74VCXH162827FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCXH16827FT TOSHIBA-TC74VCXH16827FT Datasheet
209Kb / 12P
   Low-Voltage 20-Bit Bus Buffer with Bushold
TC74VCXH16244FT TOSHIBA-TC74VCXH16244FT_07 Datasheet
205Kb / 12P
   Low-Voltage 16-Bit Bus Buffer with Bushold
TC74VCXH162244FT TOSHIBA-TC74VCXH162244FT Datasheet
211Kb / 12P
   Low-Voltage 16-Bit Bus Buffer with Bushold
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT Datasheet
165Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXHR162245FT TOSHIBA-TC74VCXHR162245FT_07 Datasheet
199Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
TC74VCXH16245FT TOSHIBA-TC74VCXH16245FT Datasheet
190Kb / 11P
   Low-Voltage 16-Bit Bus Transceiver with Bushold
logo
Fairchild Semiconductor
74LCXH16244 FAIRCHILD-74LCXH16244_05 Datasheet
124Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74ALVCH16244 FAIRCHILD-74ALVCH16244 Datasheet
79Kb / 6P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74LCXH16244 FAIRCHILD-74LCXH16244 Datasheet
93Kb / 9P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
74VCXH16244 FAIRCHILD-74VCXH16244 Datasheet
159Kb / 10P
   Low Voltage 16-Bit Buffer/Line Driver with Bushold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com