Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VCXR162501FT Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74VCXR162501FT
Description  Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VCXR162501FT Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74VCXR162501FT_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74VCXR162501FT_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74VCXR162501FT_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74VCXR162501FT_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74VCXR162501FT_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74VCXR162501FT_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VCXR162501FT_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VCXR162501FT_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VCXR162501FT_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
TC74VCXR162501FT
2007-10-19
5
Operating Ranges (Note 1)
Characteristics
Symbol
Rating
Unit
1.8 to 3.6
Power supply voltage
VCC
1.2 to 3.6 (Note 2)
V
Input voltage
(OEAB,
OEBA , LEAB,
LEBA, CKAB, CKBA)
VIN
0.3 to 3.6
V
0 to 3.6
(Note 3)
Bus I/O voltage
VI/O
0 to VCC (Note 4)
V
±12
(Note 5)
±8
(Note 6)
Output current
IOH/IOL
±4
(Note 7)
mA
Operating temperature
Topr
40 to 85
°C
Input rise and fall time
dt/dv
0 to 10
(Note 8)
ns/V
Note 1: The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
Note 2: Data retention only
Note 3: OFF-state
Note 4: High or low state
Note 5: VCC = 3.0 to 3.6 V
Note 6: VCC = 2.3 to 2.7 V
Note 7: VCC = 1.8 V
Note 8: VIN = 0.8 to 2.0 V, VCC = 3.0 V


Similar Part No. - TC74VCXR162501FT_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCXR162501FT TOSHIBA-TC74VCXR162501FT Datasheet
531Kb / 11P
   LOW VOLTAGE 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3.6V TOLERANT INPUTS AND OUTPUTS
More results

Similar Description - TC74VCXR162501FT_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VCXR162600FT TOSHIBA-TC74VCXR162600FT_07 Datasheet
239Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16500FT TOSHIBA-TC74VCX16500FT_07 Datasheet
231Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16501FT TOSHIBA-TC74VCX16501FT_07 Datasheet
230Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162500FT TOSHIBA-TC74VCXR162500FT_07 Datasheet
236Kb / 13P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16601FT TOSHIBA-TC74VCX16601FT_07 Datasheet
230Kb / 13P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16600FT TOSHIBA-TC74VCX16600FT_07 Datasheet
233Kb / 15P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCXR162601FT TOSHIBA-TC74VCXR162601FT_07 Datasheet
238Kb / 14P
   Low-Voltage 18-Bit Universal Bus Transceiver with 3.6-V Tolerant Inputs and Outputs
TC74VCX162835FT TOSHIBA-TC74VCX162835FT_07 Datasheet
240Kb / 14P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16834FT TOSHIBA-TC74VCX16834FT Datasheet
221Kb / 12P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
TC74VCX16835FT TOSHIBA-TC74VCX16835FT_07 Datasheet
233Kb / 14P
   Low-Voltage 18-Bit Universal Bus Driver with 3.6-V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com