Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VHC00F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74VHC00F
Description  Quad 2-Input NAND Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC00F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74VHC00F_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC00F_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC00F_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC00F_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC00F_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC00F_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC00F_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC00F_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC00F_07 Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC74VHC00F/FN/FT/FK
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHC00F,TC74VHC00FN,TC74VHC00FT,TC74VHC00FK
Quad 2-Input NAND Gate
The TC74VHC00 is an advanced high speed CMOS 2-INPUT
NAND GATE fabricated with silicon gate C2MOS technology.
It achieves the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
The internal circuit is composed of 3 stages including buffer
output, which provide high noise immunity and stable output.
An input protection circuit ensures that 0 to 5.5 V can be
applied to the input pins without regard to the supply voltage.
This device can be used to interface 5 V to 3 V systems and two
supply systems such as battery back up. This circuit prevents
device destruction due to mismatched supply and input voltages.
Features
• High speed: tpd = 3.7 ns (typ.) at VCC = 5 V
• Low power dissipation: ICC = 2 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Power down protection is provided on all inputs.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 5.5 V
• Low noise: VOLP = 0.8 V (max)
• Pin and function compatible with 74ALS00
Weight
SOP14-P-300-1.27A
: 0.18 g (typ.)
SOL14-P-150-1.27
: 0.12 g (typ.)
TSSOP14-P-0044-0.65A
: 0.06 g (typ.)
VSSOP14-P-0030-0.50
: 0.02 g (typ.)
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74VHC00F
TC74VHC00FN
TC74VHC00FT
TC74VHC00FK


Similar Part No. - TC74VHC00F_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC00FK TOSHIBA-TC74VHC00FK_12 Datasheet
214Kb / 8P
   Quad 2-Input NAND Gate
TC74VHC00FN TOSHIBA-TC74VHC00FN Datasheet
204Kb / 5P
   QUAD 2-INPUT NAND GATE
TC74VHC00FT TOSHIBA-TC74VHC00FT Datasheet
204Kb / 5P
   QUAD 2-INPUT NAND GATE
TC74VHC00FT TOSHIBA-TC74VHC00FT_12 Datasheet
214Kb / 8P
   Quad 2-Input NAND Gate
TC74VHC00F TOSHIBA-TC74VHC00F_12 Datasheet
214Kb / 8P
   Quad 2-Input NAND Gate
More results

Similar Description - TC74VHC00F_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4011BP TOSHIBA-TC4011BP Datasheet
191Kb / 5P
   QUAD 2 INPUT NAND GATE
TC74AC00P TOSHIBA-TC74AC00P Datasheet
244Kb / 6P
   QUAD 2 - INPUT NAND GATE
TC74HC00AP TOSHIBA-TC74HC00AP Datasheet
232Kb / 6P
   QUAD 2 INPUT NAND GATE
logo
National Semiconductor ...
54AC00 NSC-54AC00 Datasheet
129Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74F00 PHILIPS-74F00 Datasheet
68Kb / 8P
   Quad 2-input NAND gate
1990 Oct 04
74AHC00 PHILIPS-74AHC00 Datasheet
74Kb / 16P
   Quad 2-input NAND gate
1999 Sep 23
74ABT00 PHILIPS-74ABT00 Datasheet
95Kb / 10P
   Quad 2-input NAND gate
1995 Sep 18
logo
STMicroelectronics
M54HCT00 STMICROELECTRONICS-M54HCT00 Datasheet
231Kb / 9P
   QUAD 2-INPUT NAND GATE
74ACT00 STMICROELECTRONICS-74ACT00 Datasheet
67Kb / 7P
   QUAD 2-INPUT NAND GATE
April 1997
logo
Toshiba Semiconductor
TC74HCT00AF TOSHIBA-TC74HCT00AF_12 Datasheet
202Kb / 6P
   Quad 2-Input NAND Gate
logo
NXP Semiconductors
74HC00D-Q100 NXP-74HC00D-Q100 Datasheet
229Kb / 15P
   Quad 2-input NAND gate
Rev. 1-12 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com