Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VHC02FN Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74VHC02FN
Description  Quad 2-Input NOR Gate
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC02FN Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74VHC02FN Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC02FN Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC02FN Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC02FN Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC02FN Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC02FN Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC02FN Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC02FN Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC02FN Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TC74VHC02F/FN/FT/FK
2007-10-01
4
AC Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
5.6
7.9
1.0
9.5
3.3 ± 0.3
50
8.1
11.4
1.0
13.0
15
3.6
5.5
1.0
6.5
Propagation delay
time
tpLH
tpHL
5.0 ± 0.5
50
5.1
7.5
1.0
8.5
ns
Input capacitance
CIN
4
10
10
pF
Power dissipation
capacitance
CPD
(Note)
15
pF
Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC/4 (per gate)
Noise Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Characteristics
Symbol
VCC (V)
Typ.
Limit
Unit
Quiet output maximum dynamic VOL
VOLP
CL = 50 pF
5.0
0.3
0.8
V
Quiet output minimum dynamic VOL
VOLV
CL = 50 pF
5.0
−0.3
−0.8
V
Minimum high level dynamic input voltage
VIHD
CL = 50 pF
5.0
3.5
V
Maximum low level dynamic input voltage
VILD
CL = 50 pF
5.0
1.5
V
Input Equivalent Circuit
INPUT


Similar Part No. - TC74VHC02FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC02FN TOSHIBA-TC74VHC02FN Datasheet
204Kb / 5P
   QUAD 2-INPUT NOR GATE
TC74VHC02FN TOSHIBA-TC74VHC02FN Datasheet
153Kb / 5P
   QUAD 2-INPUT NOR GATE
1997-03-24
TC74VHC02FN-ELP TOSHIBA-TC74VHC02FN-ELP Datasheet
219Kb / 8P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

Similar Description - TC74VHC02FN

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74VHC02 NXP-74VHC02 Datasheet
92Kb / 14P
   Quad 2-input NOR gate
Rev. 01-13 August 2009
logo
Integral Corp.
IN74HC02A INTEGRAL-IN74HC02A Datasheet
232Kb / 5P
   Quad 2-Input NOR Gate
logo
Texas Instruments
CD74AC02 TI-CD74AC02 Datasheet
33Kb / 5P
[Old version datasheet]   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC4001BP TOSHIBA-TC4001BP_07 Datasheet
250Kb / 9P
   Quad 2 Input NOR Gate
logo
Fairchild Semiconductor
74VHC02 FAIRCHILD-74VHC02_07 Datasheet
291Kb / 9P
   Quad 2-Input NOR Gate
logo
Toshiba Semiconductor
TC74AC02F TOSHIBA-TC74AC02F_12 Datasheet
238Kb / 8P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74LVC02AD112 NXP-74LVC02AD112 Datasheet
164Kb / 14P
   Quad 2-input NOR gate
Rev. 8-16 November 2011
logo
Fairchild Semiconductor
74ACTQ02 FAIRCHILD-74ACTQ02_05 Datasheet
114Kb / 8P
   Quad 2-Input NOR Gate
logo
National Semiconductor ...
54AC02 NSC-54AC02 Datasheet
111Kb / 6P
   Quad 2-Input NOR Gate
logo
NXP Semiconductors
74F02 PHILIPS-74F02 Datasheet
99Kb / 11P
   Quad 2-input NOR gate
1990 Oct 04
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com