Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GB160160ANYAANLA-V00 Datasheet(PDF) 6 Page - Jewel Hill Electronic

Part # GB160160ANYAANLA-V00
Description  SPECIFICATIONS FOR LCD MODULE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

GB160160ANYAANLA-V00 Datasheet(HTML) 6 Page - Jewel Hill Electronic

Back Button GB160160ANYAANLA-V00 Datasheet HTML 2Page - Jewel Hill Electronic GB160160ANYAANLA-V00 Datasheet HTML 3Page - Jewel Hill Electronic GB160160ANYAANLA-V00 Datasheet HTML 4Page - Jewel Hill Electronic GB160160ANYAANLA-V00 Datasheet HTML 5Page - Jewel Hill Electronic GB160160ANYAANLA-V00 Datasheet HTML 6Page - Jewel Hill Electronic GB160160ANYAANLA-V00 Datasheet HTML 7Page - Jewel Hill Electronic GB160160ANYAANLA-V00 Datasheet HTML 8Page - Jewel Hill Electronic GB160160ANYAANLA-V00 Datasheet HTML 9Page - Jewel Hill Electronic GB160160ANYAANLA-V00 Datasheet HTML 10Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
GB160160A
VER: 3.0
- 5 -
Issue date: 2006/08/03
JEWEL HILL ELECTRONIC CO.,LTD.
5. MAXIMUM RATINGS
Item
Symbol
Min
Max
Unit
Note
VDD - Vss
-0.3
5.5
V
Supply voltage
VLCD
-0.3
24.0
V
Input Voltage
VIN
-0.3
VDD+0.3
V
Operating temperature
TOPR
0
+50
Storage temperature
TSTR
-10
+60
Humidity
---
---
90
%RH
6. ELECTRICAL CHARACTERISTICS
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Supply Voltage
Logic
VDD
---
---
5.0
---
V
H level
VIH
0.8VDD
---
VDD
Input Voltage
L level
VIL
---
VSS
---
0.2VDD
V
Current Consumption
(LCD DRIVER)
IDD
VDD=5.0V;
VLCD=22.2V,
Tamb=25℃;
---
---
1.5
mA
LCD Driving Voltage
VLCD
Bias=1/12
VLCD=VDD-V5
17.0
17.5
18.0
V
Current Consumption
(With LED BackLight)
ILED
VDD=5.0V;
VLED=4.2V,Tamb=25℃;
---
---
TBD
mA


Similar Part No. - GB160160ANYAANLA-V00

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB160160BHGAAMDA-V00 JHE-GB160160BHGAAMDA-V00 Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB160160BHGAAMDB-V00 JHE-GB160160BHGAAMDB-V00 Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB160160BHGAAMLA-V00 JHE-GB160160BHGAAMLA-V00 Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB160160BHGAAMLB-V00 JHE-GB160160BHGAAMLB-V00 Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
More results

Similar Description - GB160160ANYAANLA-V00

ManufacturerPart #DatasheetDescription
logo
Jewel Hill Electronic
GB162B JHE-GB162B Datasheet
268Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162C JHE-GB162C Datasheet
267Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB162D JHE-GB162D Datasheet
305Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB164A JHE-GB164A Datasheet
258Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB202A JHE-GB202A Datasheet
274Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864D JHE-GB12864D Datasheet
247Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB12864H JHE-GB12864H Datasheet
251Kb / 23P
   SPECIFICATIONS FOR LCD MODULE
GB19264F JHE-GB19264F Datasheet
325Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB24064A JHE-GB24064A Datasheet
319Kb / 26P
   SPECIFICATIONS FOR LCD MODULE
GB160160B JHE-GB160160B Datasheet
275Kb / 24P
   SPECIFICATIONS FOR LCD MODULE
GB320240B JHE-GB320240B Datasheet
859Kb / 50P
   SPECIFICATIONS FOR LCD MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com