Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VHC27F Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC74VHC27F
Description  Triple 3-Input NOR Gate
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC27F Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC74VHC27F Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC27F Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC27F Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC27F Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC27F Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC27F Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC27F Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC27F Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
TC74VHC27F/FN/FT
2007-10-01
4
AC Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta
= 25°C
Ta
=
−40 to 85°C
Characteristics
Symbol
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
6.2
8.8
1.0
10.5
3.3
± 0.3
50
8.7
12.3
1.0
14.0
15
4.1
5.9
1.0
7.0
Propagation delay
time
tpLH
tpHL
5.0
± 0.5
50
5.6
7.9
1.0
9.0
ns
Input capacitance
CIN
4
10
10
pF
Power dissipation
capacitance
CPD
(Note)
20
pF
Note: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC/3 (per gate)
Input Equivalent Circuit
INPUT


Similar Part No. - TC74VHC27F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F Datasheet
189Kb / 5P
   TRIPLE 3-INPUT NOR GATE
TC74VHC27F TOSHIBA-TC74VHC27F Datasheet
279Kb / 7P
   Triple 3-Input NOR Gate
2019-01-31
TC74VHC27F TOSHIBA-TC74VHC27F Datasheet
254Kb / 5P
   TRIPLE 3-INPUT NOR GATE
1997-01-30
TC74VHC27FK TOSHIBA-TC74VHC27FK Datasheet
279Kb / 7P
   Triple 3-Input NOR Gate
2019-01-31
TC74VHC27FK TOSHIBA-TC74VHC27FK_12 Datasheet
204Kb / 8P
   Triple 3-Input NOR Gate
More results

Similar Description - TC74VHC27F

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
IN74HC27A INTEGRAL-IN74HC27A Datasheet
181Kb / 5P
   Triple 3-Input NOR Gate
logo
List of Unclassifed Man...
IW4025B ETC1-IW4025B Datasheet
209Kb / 5P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_12 Datasheet
204Kb / 8P
   Triple 3-Input NOR Gate
logo
NXP Semiconductors
74ALS27 PHILIPS-74ALS27 Datasheet
88Kb / 7P
   Triple 3-Input NOR gate
1991 Feb 08
logo
Fairchild Semiconductor
74VHC27 FAIRCHILD-74VHC27 Datasheet
102Kb / 8P
   Triple 3-Input NOR Gate
DM74AS27 FAIRCHILD-DM74AS27 Datasheet
46Kb / 4P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F_V01 Datasheet
279Kb / 7P
   Triple 3-Input NOR Gate
2019-01-31
logo
Fairchild Semiconductor
DM74ALS27 FAIRCHILD-DM74ALS27 Datasheet
46Kb / 4P
   Triple 3-Input NOR Gate
logo
Toshiba Semiconductor
TC74VHC27F TOSHIBA-TC74VHC27F Datasheet
189Kb / 5P
   TRIPLE 3-INPUT NOR GATE
logo
Motorola, Inc
SN54LS27 MOTOROLA-SN54LS27 Datasheet
122Kb / 4P
   TRIPLE 3-INPUT NOR GATE
logo
STMicroelectronics
M54HCT27 STMICROELECTRONICS-M54HCT27 Datasheet
232Kb / 9P
   TRIPLE 3-INPUT NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com