Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VHC221AFK Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74VHC221AFK
Description  Dual Monostable Multivibrator
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC221AFK Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74VHC221AFK Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC221AFK Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC221AFK Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC221AFK Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC221AFK Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC221AFK Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC221AFK Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC221AFK Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC221AFK Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TC74VHC123,221AF/AFN/AFT/AFK
2007-10-19
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHC123AF,TC74VHC123AFN,TC74VHC123AFT,TC74VHC123AFK
TC74VHC221AF,TC74VHC221AFN,TC74VHC221AFT,TC74VHC221AFK
Dual Monostable Multivibrator
TC74VHC123AF/AFN/AFT/AFK Retriggerble
TC74VHC221AF/AFN/AFT/AFK
Non-Retriggerble
The TC74VHC123A/221A are high speed CMOS
MONOSTABLE MULTIVIBRATOR fabricated with silicon gate
C2MOS technology.
There are two trigger inputs,
A input (negative edge), and B
input (positive edge). These inputs are valid for a slow rise/fall
time signal (tr = tf = 1 s) as they are schmitt trigger inputs. This
device may also be triggered by using CLR input (positive
edge).
After triggering, the output stays in a MONOSTABLE state for
a time period determined by the external resistor and capacitor
(RX, CX). A low level at the CLR input breaks this state.
Limits for CX and RX are:
External capacitor, CX: No limit
External resistor, RX: VCC = 2.0 V more than 5 kΩ
VCC ≥ 3.0 V more than 1 kΩ
An input protection circuit ensures that 0 to 5.5 V can be
applied to the input pins without regard to the supply voltage.
This device can be used to interface 5 V to 3 V systems and two
supply systems such as battery back up. This circuit prevents
device destruction due to mismatched supply and input voltages.
Features
• High speed: tpd = 8.1 ns (typ.) at VCC = 5 V
• Low power dissipation
Standby state: 4
μA (max) at Ta = 25°C
Active state: 600
μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Power down protection is equipped with all inputs.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 5.5 V
• Pin and function compatible with 74HC123A/221A
Weight
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)
TSSOP16-P-0044-0.65A : 0.06 g (typ.)
VSSOP16-P-0030-0.50
: 0.02 g (typ.)
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74VHC123AF, TC74VHC221AF
TC74VHC123AFN, TC74VHC221AFN
TC74VHC123AFT, TC74VHC221AFT
TC74VHC123AFK, TC74VHC221AFK


Similar Part No. - TC74VHC221AFK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC221AFK TOSHIBA-TC74VHC221AFK_12 Datasheet
287Kb / 14P
   Dual Monostable Multivibrator
More results

Similar Description - TC74VHC221AFK

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
CD4528BM NSC-CD4528BM Datasheet
171Kb / 8P
   Dual Monostable Multivibrator
logo
Integral Corp.
IN74HC221A INTEGRAL-IN74HC221A Datasheet
283Kb / 7P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
HEF4528B PHILIPS-HEF4528B_15 Datasheet
180Kb / 17P
   Dual monostable multivibrator
Rev. 7-22 November 2011
logo
Nexperia B.V. All right...
HEF4528B-Q100 NEXPERIA-HEF4528B-Q100 Datasheet
203Kb / 15P
   Dual monostable multivibrator
HEF4528B NEXPERIA-HEF4528B Datasheet
237Kb / 13P
   Dual monostable multivibrator
Rev. 11 - 4 March 2022
logo
NXP Semiconductors
HEF4528B NXP-HEF4528B Datasheet
440Kb / 16P
   Dual monostable multivibrator
Rev. 06-27 November 2009
logo
Toshiba Semiconductor
TC74HC221AP TOSHIBA-TC74HC221AP_07 Datasheet
478Kb / 13P
   Dual Monostable Multivibrator
logo
STMicroelectronics
HCF4098B STMICROELECTRONICS-HCF4098B_01 Datasheet
233Kb / 10P
   DUAL MONOSTABLE MULTIVIBRATOR
logo
IK Semicon Co., Ltd
IN74HC221A IKSEMICON-IN74HC221A Datasheet
398Kb / 7P
   Dual Monostable Multivibrator
logo
Toshiba Semiconductor
TC74VHC123AF TOSHIBA-TC74VHC123AF_12 Datasheet
287Kb / 14P
   Dual Monostable Multivibrator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com