Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VHC126FK Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC74VHC126FK
Description  Quad Bus Buffer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC126FK Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74VHC126FK Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC126FK Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC126FK Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC126FK Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC126FK Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC126FK Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC126FK Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC126FK Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC126FK Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TC74VHC125,126F/FN/FT/FK
2007-10-01
2
Pin Assignment
IEC Logic Symbol
Truth Table
TC74VHC125
Inputs
Output
G
A
Y
H
X
Z
L
L
L
L
H
H
X: Don’t care
Z: High impedance
TC74VHC126
Inputs
Output
G
A
Y
L
X
Z
H
L
L
H
H
H
X: Don’t care
Z: High impedance
VCC
9
4A
4Y
8
14
13
12
11
10
G
1
1
2
3
4
5
6
7
2A
2Y
GND
3A
3Y
(top view)
1A
TC74VHC125
G
2
G
4
G
3
1Y
VCC
9
4A
4Y
8
14
12
11
10
1
2
3
4
5
6
7
2A
2Y
GND
3A
3Y
(top view)
1A
1Y
TC74VHC126
13
1G
2G
4G
3G
(4)
(10)
(5)
G
2
EN
G
3
2A
(13)
(9)
(12)
G
4
3A
(6)
(8)
(11)
2Y
3Y
4Y
4A
(1)
(2)
G
1
1A
(3)
1Y
TC74VHC125
(4)
(10)
(5)
EN
2A
(13)
(9)
(12)
3A
(6)
(8)
(11)
2Y
3Y
4Y
4A
(1)
(2)
1A
(3)
1Y
TC74VHC126
1G
2G
3G
4G


Similar Part No. - TC74VHC126FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC126FK TOSHIBA-TC74VHC126FK_12 Datasheet
227Kb / 10P
   Quad Bus Buffer
More results

Similar Description - TC74VHC126FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC125F TOSHIBA-TC74VHC125F Datasheet
243Kb / 7P
   QUAD BUS BUFFER
logo
ON Semiconductor
MC74VHC125 ONSEMI-MC74VHC125 Datasheet
164Kb / 8P
   Quad Bus Buffer
April, 2000 ??Rev. 2
MC74VHC126 ONSEMI-MC74VHC126 Datasheet
163Kb / 8P
   Quad Bus Buffer
April, 2000 ??Rev. 1
MC74VHCT126A ONSEMI-MC74VHCT126A_16 Datasheet
98Kb / 6P
   Quad Bus Buffer
October, 2016 ??Rev. 11
MC74LVX125 ONSEMI-MC74LVX125_14 Datasheet
110Kb / 6P
   Quad Bus Buffer
August, 2014 ??Rev. 4
logo
Toshiba Semiconductor
TC74HC125AP TOSHIBA-TC74HC125AP_07 Datasheet
279Kb / 9P
   Quad Bus Buffer
TC74VHCT125AF TOSHIBA-TC74VHCT125AF_07 Datasheet
254Kb / 10P
   Quad Bus Buffer
TC74VHC125F TOSHIBA-TC74VHC125F_12 Datasheet
227Kb / 10P
   Quad Bus Buffer
logo
ON Semiconductor
MC74LVX125 ONSEMI-MC74LVX125_11 Datasheet
137Kb / 7P
   Quad Bus Buffer
May, 2011 ??Rev. 3
logo
Toshiba Semiconductor
TC74LVX125F TOSHIBA-TC74LVX125F Datasheet
250Kb / 8P
   QUAD BUS BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com