Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VHC161FK Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC74VHC161FK
Description  Synchronous Presettable 4-Bit Counter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC161FK Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC74VHC161FK Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC161FK Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC161FK Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC161FK Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC161FK Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC161FK Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC161FK Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC161FK Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC161FK Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
TC74VHC161,163F/FN/FT/FK
2007-10-01
1
TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
TC74VHC161F, TC74VHC161FN, TC74VHC161FT,TC74VHC161FK
TC74VHC163F, TC74VHC163FN, TC74VHC163FT,TC74VHC163FK
Synchronous Presettable 4-Bit Counter
TC74VHC161F/FN/FT/FK Binary,
Asynchronous Clear
TC74VHC163F/FN/FT/FK Binary,
Synchronous Clear
The TC74VHC 161 and 163 are advanced high speed CMOS
SYNCHRONOUS PRESETTABLE 4 BIT BINARY COUNTERs
fabricated with silicon gate C2MOS technology.
They achieve the high speed operation similar to equivalent
Bipolar Schottky TTL while maintaining the CMOS low power
dissipation.
The CK input is active on the rising edge. Both LOAD and
CLR inputs are active on low logic level.
Presetting of each IC’s is synchronous to the rising edge of CK.
The clear function of the TC74VHC163 is synchronous to CK,
while the TC74VHC161 are cleared asynchronously.
Two enable inputs (ENP and ENT) and CARRY OUTPUT are
provided to enable easy cascading of counters, which facilitates
easy implementation of n-bit counters without using external
gates.
An input protection circuit ensures that 0 to 5.5 V can be
applied to the input pins without regard to the supply voltage.
This device can be used to interface 5 V to 3 V systems and two
supply systems such as battery back up. This circuit prevents
device destruction due to mismatched supply and input voltages.
Features
• High speed: fmax = 185 MHz (typ.) at VCC = 5 V
• Low power dissipation: ICC = 4 μA (max) at Ta = 25°C
• High noise immunity: VNIH = VNIL = 28% VCC (min)
• Power down protection is provided on all inputs.
• Balanced propagation delays: tpLH ∼− tpHL
• Wide operating voltage range: VCC (opr) = 2 to 5.5 V
• Low noise: VOLP = 0.8 V (max)
• Pin and function compatible with 74ALS161/163
Weight
SOP16-P-300-1.27A
: 0.18 g (typ.)
SOL16-P-150-1.27
: 0.13 g (typ.)
TSSOP16-P-0044-0.65A : 0.06 g (typ.)
VSSOP16-P-0030-0.50
: 0.02 g (typ.)
Note: xxxFN (JEDEC SOP) is not available in
Japan.
TC74VHC161F, TC74VHC163F
TC74VHC161FN, TC74VHC163FN
TC74VHC161FT, TC74VHC163FT
TC74VHC161FK, TC74VHC163FK


Similar Part No. - TC74VHC161FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC161FK TOSHIBA-TC74VHC161FK_12 Datasheet
288Kb / 14P
   Binary, Asynchronous Clear
More results

Similar Description - TC74VHC161FK

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74ACT163 STMICROELECTRONICS-74ACT163 Datasheet
97Kb / 11P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
December 1998
74ACT163MTR STMICROELECTRONICS-74ACT163MTR Datasheet
280Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M74HC161 STMICROELECTRONICS-M74HC161 Datasheet
961Kb / 12P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74AC161 STMICROELECTRONICS-74AC161 Datasheet
101Kb / 12P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
December 1998
M74HC163 STMICROELECTRONICS-M74HC163 Datasheet
898Kb / 12P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
M74HC160 STMICROELECTRONICS-M74HC160_01 Datasheet
966Kb / 12P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74ACT161 STMICROELECTRONICS-74ACT161 Datasheet
97Kb / 11P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
December 1998
74AC163 STMICROELECTRONICS-74AC163_01 Datasheet
277Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74LVQ163 STMICROELECTRONICS-74LVQ163_04 Datasheet
366Kb / 14P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74LVQ161 STMICROELECTRONICS-74LVQ161 Datasheet
379Kb / 14P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
74ACT161 STMICROELECTRONICS-74ACT161_01 Datasheet
335Kb / 13P
   SYNCHRONOUS PRESETTABLE 4-BIT COUNTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com