Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VHC257F Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TC74VHC257F
Description  Quad 2-Channel Multiplexer (3-state)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC257F Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TC74VHC257F Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC257F Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC257F Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC257F Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC257F Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC257F Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC257F Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC257F Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC257F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
TC74VHC257F/FN/FT/FK
2007-10-01
2
Pin Assignment
IEC Logic Symbol
Truth Table
Inputs
OE
SELECT
A
B
Output
H
X
X
X
Z
L
L
L
X
L
L
L
H
X
H
L
H
X
L
L
L
H
X
H
H
X: Don’t care
Z: High impedance
VCC
16
4A
4B
15
14
13
12
11
10
1
2
3
4
5
6
7
1B
1Y
2A
2B
GND
4Y
8
3Y
9
3A
3B
(top view)
SELECT
1A
2Y
OE
(1)
(15)
(2)
(5)
(3)
1A
2A
1B
(6)
(10)
3A
2B
(9)
EN
SELECT
OE
3B
(12)
4Y
3Y
(7)
2Y
(4)
1Y
(14)
(13)
4A
4B
G1
(11)
1
1
MUX


Similar Part No. - TC74VHC257F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC257F TOSHIBA-TC74VHC257F Datasheet
235Kb / 7P
   QUAD 2-CHANNEL MULTIPLEXER (3-STATE)
TC74VHC257FK TOSHIBA-TC74VHC257FK_12 Datasheet
224Kb / 9P
   Quad 2-Channel Multiplexer (3-state)
TC74VHC257FN TOSHIBA-TC74VHC257FN Datasheet
235Kb / 7P
   QUAD 2-CHANNEL MULTIPLEXER (3-STATE)
TC74VHC257FN TOSHIBA-TC74VHC257FN Datasheet
189Kb / 5P
   TRIPLE 3-INPUT NOR GATE
TC74VHC257FT TOSHIBA-TC74VHC257FT Datasheet
235Kb / 7P
   QUAD 2-CHANNEL MULTIPLEXER (3-STATE)
More results

Similar Description - TC74VHC257F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC257F TOSHIBA-TC74VHC257F Datasheet
235Kb / 7P
   QUAD 2-CHANNEL MULTIPLEXER (3-STATE)
logo
STMicroelectronics
74AC257 STMICROELECTRONICS-74AC257 Datasheet
287Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER 3-STATE
logo
Toshiba Semiconductor
TC74VHC257F TOSHIBA-TC74VHC257F_12 Datasheet
224Kb / 9P
   Quad 2-Channel Multiplexer (3-state)
logo
STMicroelectronics
74VHCT257A STMICROELECTRONICS-74VHCT257A_04 Datasheet
311Kb / 13P
   QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
74VHCT257A STMICROELECTRONICS-74VHCT257A Datasheet
70Kb / 10P
   QUAD 2 CHANNEL MULTIPLEXER 3-STATE
logo
Toshiba Semiconductor
TC7MH257FK TOSHIBA-TC7MH257FK Datasheet
189Kb / 7P
   Quad 2-Channel Multiplexer (3-State)
TC74HC257AP TOSHIBA-TC74HC257AP_07 Datasheet
264Kb / 8P
   Quad 2-Channel Multiplexer (3-state)
logo
STMicroelectronics
74ACT257 STMICROELECTRONICS-74ACT257_01 Datasheet
286Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
M54HCT257 STMICROELECTRONICS-M54HCT257 Datasheet
255Kb / 12P
   HCT257 QUAD 2 CHANNEL MULTIPLEXER 3-STATE HCT258 QUAD 2 CHANNEL MULTIPLEXER 3-STATE, INVERTING
74VHC257 STMICROELECTRONICS-74VHC257 Datasheet
315Kb / 14P
   QUAD 2 CHANNEL MULTIPLEXER 3-STATE
M74HC257 STMICROELECTRONICS-M74HC257 Datasheet
190Kb / 11P
   QUAD 2 CHANNEL MULTIPLEXER (3-STATE)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com