Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VHC374F Datasheet(PDF) 5 Page - Toshiba Semiconductor

Part # TC74VHC374F
Description  Octal D-Type Flip Flop with 3-State Output
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC374F Datasheet(HTML) 5 Page - Toshiba Semiconductor

  TC74VHC374F_07 Datasheet HTML 1Page - Toshiba Semiconductor TC74VHC374F_07 Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC374F_07 Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC374F_07 Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC374F_07 Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC374F_07 Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC374F_07 Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC374F_07 Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC374F_07 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
TC74VHC374F/FT/FK
2007-10-01
5
AC Characteristics (input: tr = tf = 3 ns)
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC (V)
CL (pF)
Min
Typ.
Max
Min
Max
Unit
15
8.1
12.7
1.0
15.0
3.3 ± 0.3
50
10.6
16.2
1.0
18.5
15
5.4
8.1
1.0
9.5
Propagation delay
time
(CK-Q)
tpLH
tpHL
5.0 ± 0.5
50
6.9
10.1
1.0
11.5
ns
15
7.1
11.0
1.0
13.0
3.3 ± 0.3
50
9.6
14.5
1.0
16.5
15
5.1
7.6
1.0
9.0
3-state output enable
time
tpZL
tpZH
RL = 1 kΩ
5.0 ± 0.5
50
6.6
9.6
1.0
11.0
ns
3.3 ± 0.3
50
10.2
14.0
1.0
16.0
3-state output disable
time
tpLZ
tpHZ
RL = 1 kΩ
5.0 ± 0.5
50
6.1
8.8
1.0
10.0
ns
15
80
130
70
3.3 ± 0.3
50
55
85
50
15
130
185
110
Maximum clock
frequency
fmax
5.0 ± 0.5
50
85
120
75
MHz
3.3 ± 0.3
50
1.5
1.5
Output to output skew
tosLH
tosHL
(Note 1)
5.0 ± 0.5
50
1.0
1.0
ns
Input capacitance
CIN
4
10
10
pF
Output capacitance
COUT
6
pF
Power dissipation
capacitance
CPD
(Note 2)
32
pF
Note 1: Parameter guaranteed by design.
tosLH = |tpLHm − tpLHn|, tosHL = |tpHLm − tpHLn|
Note 2: CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating
current consumption without load.
Average operating current can be obtained by the equation:
ICC (opr) = CPD·VCC·fIN + ICC/8 (per F/F)
And the total CPD when n pcs. of latch operate can be gained by the following equation:
CPD (total) = 20 + 12·n


Similar Part No. - TC74VHC374F_07

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC374FT TOSHIBA-TC74VHC374FT Datasheet
258Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT
TC74VHC374FW TOSHIBA-TC74VHC374FW Datasheet
258Kb / 7P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT
More results

Similar Description - TC74VHC374F_07

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC74VHC374 MOTOROLA-MC74VHC374 Datasheet
177Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHCT574A ONSEMI-MC74VHCT574A Datasheet
169Kb / 6P
   Octal D-Type Flip-Flop with 3-State Output
1997 REV 0
logo
Toshiba Semiconductor
TC7MH374FK TOSHIBA-TC7MH374FK Datasheet
194Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
logo
ON Semiconductor
MC74VHCT574A ONSEMI-MC74VHCT574A_11 Datasheet
137Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
logo
Toshiba Semiconductor
TC74AC374FT TOSHIBA-TC74AC374FT Datasheet
321Kb / 7P
   OCTAL D - TYPE FLIP -FLOP WITH 3 STATE OUTPUT
logo
ON Semiconductor
MC74VHCT374A ONSEMI-MC74VHCT374A_11 Datasheet
150Kb / 8P
   Octal D-Type Flip-Flop with 3-State Output
June, 2011 ??Rev. 5
logo
Toshiba Semiconductor
TC7MET374AFK TOSHIBA-TC7MET374AFK Datasheet
222Kb / 5P
   OCTAL D-TYPE FLIP-FLOP WITH 3-STATE OUTPUT
TC74LVX374F TOSHIBA-TC74LVX374F Datasheet
281Kb / 8P
   OCTAL D-TYPE FLIP FLOP WITH 3-STATE OUTPUT
logo
ON Semiconductor
MC74VHCT374A ONSEMI-MC74VHCT374A Datasheet
169Kb / 6P
   Octal D-Type Flip-Flop with 3-State Output
REV 0
MC74VHCT374A ONSEMI-MC74VHCT374A_14 Datasheet
103Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
October, 2014 ??Rev. 6
logo
Toshiba Semiconductor
TC7MET374AFK TOSHIBA-TC7MET374AFK_07 Datasheet
188Kb / 7P
   Octal D-Type Flip-Flop with 3-State Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com