Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VHC595FT Datasheet(PDF) 6 Page - Toshiba Semiconductor

Part # TC74VHC595FT
Description  8-Bit Shift Register/Latch (3-state)
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHC595FT Datasheet(HTML) 6 Page - Toshiba Semiconductor

Back Button TC74VHC595FT Datasheet HTML 2Page - Toshiba Semiconductor TC74VHC595FT Datasheet HTML 3Page - Toshiba Semiconductor TC74VHC595FT Datasheet HTML 4Page - Toshiba Semiconductor TC74VHC595FT Datasheet HTML 5Page - Toshiba Semiconductor TC74VHC595FT Datasheet HTML 6Page - Toshiba Semiconductor TC74VHC595FT Datasheet HTML 7Page - Toshiba Semiconductor TC74VHC595FT Datasheet HTML 8Page - Toshiba Semiconductor TC74VHC595FT Datasheet HTML 9Page - Toshiba Semiconductor TC74VHC595FT Datasheet HTML 10Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
TC74VHC595F/FN/FT/FK
2007-10-01
6
Timing Requirements (input: tr = tf = 3 ns)
Ta = 25°C
Ta =
−40 to
85°C
Characteristics
Symbol
Test Condition
VCC (V)
Typ.
Limit
Limit
Unit
Minimum pulse width
(SCK, RCK)
tw (H)
tw (L)
3.3 ± 0.3
5.0 ± 0.5
5.0
5.0
5.0
5.0
ns
Minimum pulse width
( SCLR )
tw (L)
3.3 ± 0.3
5.0 ± 0.5
5.0
5.0
5.0
5.0
ns
Minimum set-up time
(SI-SCK)
ts
3.3 ± 0.3
5.0 ± 0.5
3.5
3.0
3.5
3.0
ns
Minimum set-up time
(SCK-RCK)
ts
3.3 ± 0.3
5.0 ± 0.5
8.0
5.0
8.5
5.0
ns
Minimum set-up time
( SCLR -RCK)
ts
3.3 ± 0.3
5.0 ± 0.5
8.0
5.0
9.0
5.0
ns
Minimum hold time
(SI-SCK)
th
3.3 ± 0.3
5.0 ± 0.5
1.5
2.0
1.5
2.0
ns
Minimum hold time
(SCK-RCK)
th
3.3 ± 0.3
5.0 ± 0.5
0
0
0
0
ns
Minimum hold time
( SCLR -RCK)
th
3.3 ± 0.3
5.0 ± 0.5
0
0
0
0
ns
Minimum removal time
( SCLR )
trem
3.3 ± 0.3
5.0 ± 0.5
3.0
2.5
3.0
2.5
ns


Similar Part No. - TC74VHC595FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHC595FT TOSHIBA-TC74VHC595FT Datasheet
311Kb / 9P
   8 BIT SHIFT REGISTER /LATCH
TC74VHC595FT TOSHIBA-TC74VHC595FT Datasheet
238Kb / 12P
   8-Bit Shift Register/Latch (3-state)
TC74VHC595FT TOSHIBA-TC74VHC595FT Datasheet
238Kb / 12P
   8-Bit Shift Register/Latch (3-state)
TC74VHC595FT-EL TOSHIBA-TC74VHC595FT-EL Datasheet
238Kb / 12P
   8-Bit Shift Register/Latch (3-state)
TC74VHC595FTEK2M TOSHIBA-TC74VHC595FTEK2M Datasheet
238Kb / 12P
   8-Bit Shift Register/Latch (3-state)
More results

Similar Description - TC74VHC595FT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC7MH595FK TOSHIBA-TC7MH595FK Datasheet
281Kb / 8P
   8-BIT SHIFT REGISTER/LATCH(3-STATE)
TC74VHC595FTEK2M TOSHIBA-TC74VHC595FTEK2M Datasheet
238Kb / 12P
   8-Bit Shift Register/Latch (3-state)
TC74HC595AP TOSHIBA-TC74HC595AP Datasheet
306Kb / 8P
   8-BIT SHIFT REGISTER/LATCH(3-STATE)
TC7MH595FK TOSHIBA-TC7MH595FK_07 Datasheet
203Kb / 9P
   8-Bit Shift Register/Latch (3-State)
TC74VHC595FT-EL TOSHIBA-TC74VHC595FT-EL Datasheet
238Kb / 12P
   8-Bit Shift Register/Latch (3-state)
TC74VHC595F TOSHIBA-TC74VHC595F_12 Datasheet
238Kb / 12P
   8-Bit Shift Register/Latch (3-state)
logo
STMicroelectronics
M74HC4094 STMICROELECTRONICS-M74HC4094 Datasheet
575Kb / 12P
   8 BIT SIPO SHIFT LATCH REGISTER (3-STATE)
M54HC4094 STMICROELECTRONICS-M54HC4094 Datasheet
270Kb / 12P
   8 BIT SIPO SHIFT LATCH REGISTER 3-STATE
logo
Renesas Technology Corp
HD74HC595 RENESAS-HD74HC595_15 Datasheet
134Kb / 13P
   8-bit Shift Register/Latch (with 3-state outputs)
HD74HC595 RENESAS-HD74HC595 Datasheet
114Kb / 11P
   8-bit Shift Register/Latch (with 3-state outputs)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com