Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC74VHCT74AFT Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC74VHCT74AFT
Description  Dual D-Type Flip-Flop with Preset and Clear
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC74VHCT74AFT Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC74VHCT74AFT Datasheet HTML 1Page - Toshiba Semiconductor TC74VHCT74AFT Datasheet HTML 2Page - Toshiba Semiconductor TC74VHCT74AFT Datasheet HTML 3Page - Toshiba Semiconductor TC74VHCT74AFT Datasheet HTML 4Page - Toshiba Semiconductor TC74VHCT74AFT Datasheet HTML 5Page - Toshiba Semiconductor TC74VHCT74AFT Datasheet HTML 6Page - Toshiba Semiconductor TC74VHCT74AFT Datasheet HTML 7Page - Toshiba Semiconductor TC74VHCT74AFT Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TC74VHCT74AF/AFN/AFT
2007-10-01
3
Operating Ranges (Note 1)
Characteristics
Symbol
Rating
Unit
Supply voltage
VCC
4.5 to 5.5
V
Input voltage
VIN
0 to 5.5
V
0 to 5.5
(Note 2)
Output voltage
VOUT
0 to VCC
(Note 3)
V
Operating temperature
Topr
−40 to 85
°C
Input rise and fall time
dt/dV
0 to 20
ns/V
Note 1: The operating ranges must be maintained to ensure the normal operation of the device.
Unused inputs must be tied to either VCC or GND.
Note 2: VCC = 0 V
Note 3: High or low state
Electrical Characteristics
DC Characteristics
Test Condition
Ta = 25°C
Ta =
−40 to 85°C
Characteristics
Symbol
VCC
(V)
Min
Typ.
Max
Min
Max
Unit
High-level input
voltage
VIH
4.5
to
5.5
2.0
2.0
V
Low-level input
voltage
VIL
4.5
to
5.5
0.8
0.8
V
IOH = −50 μA
4.5
4.40
4.50
4.40
High-level output
voltage
VOH
VIN
= VIH or
VIL
IOH = −8 mA
4.5
3.94
3.80
V
IOL = 50 μA
4.5
0.0
0.1
0.1
Low-level output
voltage
VOL
VIN
= VIH or
VIL
IOL = 8 mA
4.5
0.36
0.44
V
Input leakage
current
IIN
VIN = 5.5 V or GND
0 to
5.5
±0.1
±1.0
μA
ICC
VIN = VCC or GND
5.5
2.0
20.0
μA
Quiescent supply
current
ICCT
Per input: VIN = 3.4 V
Other input: VCC or GND
5.5
1.35
1.50
mA
Output leakage
current
IOPD
VOUT = 5.5 V
0
0.5
5.0
μA


Similar Part No. - TC74VHCT74AFT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74VHCT74AFT TOSHIBA-TC74VHCT74AFT Datasheet
221Kb / 6P
   DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
More results

Similar Description - TC74VHCT74AFT

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74HCT74AP TOSHIBA-TC74HCT74AP Datasheet
242Kb / 6P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A Datasheet
73Kb / 10P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74VHCT74AF TOSHIBA-TC74VHCT74AF Datasheet
221Kb / 6P
   DUAL D-TYPE FLIP-FLOP WITH PRESET AND CLEAR
logo
STMicroelectronics
74VHCT74A STMICROELECTRONICS-74VHCT74A_04 Datasheet
423Kb / 14P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Fairchild Semiconductor
74VHCT74A FAIRCHILD-74VHCT74A_99 Datasheet
82Kb / 6P
   Dual D-Type Flip-Flop with Preset and Clear
74VHC74 FAIRCHILD-74VHC74 Datasheet
104Kb / 8P
   Dual D-Type Flip-Flop with Preset and Clear
MM74HCT74 FAIRCHILD-MM74HCT74 Datasheet
85Kb / 7P
   Dual D-Type Flip-Flop with Preset and Clear
logo
STMicroelectronics
M54HC74 STMICROELECTRONICS-M54HC74 Datasheet
250Kb / 11P
   DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
74AC74 STMICROELECTRONICS-74AC74 Datasheet
97Kb / 11P
   DUAL D-TYPE FLIP FLOP WITH PRESET AND CLEAR
April 1997
M54HCT74 STMICROELECTRONICS-M54HCT74 Datasheet
249Kb / 11P
   DUAL D TYPE FLIP FLOP WITH PRESET AND CLEAR
logo
Toshiba Semiconductor
TC74VHC74F TOSHIBA-TC74VHC74F_12 Datasheet
220Kb / 9P
   Dual D-Type Flip-Flop with Preset and Clear
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com