Electronic Components Datasheet Search |
|
TC74VHCT573AF Datasheet(PDF) 3 Page - Toshiba Semiconductor |
|
TC74VHCT573AF Datasheet(HTML) 3 Page - Toshiba Semiconductor |
3 / 9 page TC74VHCT573AF/AFT/AFK 2007-10-01 3 Absolute Maximum Ratings (Note 1) Characteristics Symbol Rating Unit Supply voltage range VCC −0.5 to 7.0 V DC input voltage VIN −0.5 to 7.0 V −0.5 to 7.0 (Note 2) DC output voltage VOUT −0.5 to VCC + 0.5 (Note 3) V Input diode current IIK −20 mA Output diode current IOK ±20 (Note 4) mA DC output current IOUT ±25 mA DC VCC/ground current ICC ±75 mA Power dissipation PD 180 mW Storage temperature Tstg −65 to 150 °C Note 1: Exceeding any of the absolute maximum ratings, even briefly, lead to deterioration in IC performance or even destruction. Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the significant change in temperature, etc.) may cause this product to decrease in the reliability significantly even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute maximum ratings and the operating ranges. Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook (“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test report and estimated failure rate, etc). Note 2: Output in off-state Note 3: High or low state. IOUT absolute maximum rating must be observed. Note 4: VOUT < GND, VOUT > VCC Operating Ranges (Note 1) Characteristics Symbol Rating Unit Supply voltage VCC 4.5 to 5.5 V Input voltage VIN 0 to 5.5 V 0 to 5.5 (Note 2) Output voltage VOUT 0 to VCC (Note 3) V Operating temperature Topr −40 to 85 °C Input rise and fall time dt/dV 0 to 20 ns/V Note 1: The operating ranges must be maintained to ensure the normal operation of the device. Unused inputs must be tied to either VCC or GND. Note 2: VCC = 0 V Note 3: High or low state |
Similar Part No. - TC74VHCT573AF |
|
Similar Description - TC74VHCT573AF |