Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC75S56F Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TC75S56F
Description  Single Comparator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC75S56F Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TC75S56F Datasheet HTML 1Page - Toshiba Semiconductor TC75S56F Datasheet HTML 2Page - Toshiba Semiconductor TC75S56F Datasheet HTML 3Page - Toshiba Semiconductor TC75S56F Datasheet HTML 4Page - Toshiba Semiconductor TC75S56F Datasheet HTML 5Page - Toshiba Semiconductor TC75S56F Datasheet HTML 6Page - Toshiba Semiconductor TC75S56F Datasheet HTML 7Page - Toshiba Semiconductor TC75S56F Datasheet HTML 8Page - Toshiba Semiconductor TC75S56F Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
TC75S56F/FU/FE
2007-11-01
1
TOSHIBA CMOS Linear Integrated Circuit Silicon Monolithic
TC75S56F,TC75S56FU,TC75S56FE
Single Comparator
The TC75S56F/TC75S56FU/TC75S56FE is a CMOS general-
purpose single comparator. The device can operate off a single
power supply and draws a lower supply current than a
conventional bipolar general-purpose comparator. This device’s
push-pull output stage can be directly connected to TTL or CMOS
logic ICs, among others.
Features
• Low-current power supply
: IDD = 10 μA (typ.)
• Single power supply operation
• Wide common mode input voltage range : VSS~VDD − 0.9 V
• Push-pull output circuit
• Low input bias current
• Small package
Marking (top view)
Pin Connection (top view)
TC75S56F
TC75S56FU
TC75S56FE
Weight
SSOP5-P-0.95 : 0.014 g (typ.)
SSOP5-P-0.65A : 0.006 g (typ.)
SON5-P-0.50
: 0.003 g (typ.)
T C
4
5
3
1
2
VDD
5
IN (
+)
4
1
3
VSS
2
OUT
IN (
−)


Similar Part No. - TC75S56F

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC75S56F TOSHIBA-TC75S56F Datasheet
252Kb / 7P
   SINGLE COMPARATOR
logo
List of Unclassifed Man...
TC75S56F ETC-TC75S56F Datasheet
320Kb / 28P
   General-Purpose Linear ICs
TC75S56FE ETC-TC75S56FE Datasheet
320Kb / 28P
   General-Purpose Linear ICs
logo
Toshiba Semiconductor
TC75S56FU TOSHIBA-TC75S56FU Datasheet
252Kb / 7P
   SINGLE COMPARATOR
logo
List of Unclassifed Man...
TC75S56FU ETC-TC75S56FU Datasheet
320Kb / 28P
   General-Purpose Linear ICs
More results

Similar Description - TC75S56F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA311 FAIRCHILD-KA311_05 Datasheet
396Kb / 8P
   Single Comparator
logo
Toshiba Semiconductor
TC75S58F TOSHIBA-TC75S58F Datasheet
214Kb / 7P
   SINGLE COMPARATOR
logo
Samsung semiconductor
KA311 SAMSUNG-KA311 Datasheet
92Kb / 4P
   SINGLE COMPARATOR
logo
First Silicon Co., Ltd
FA393SOT FS-FA393SOT Datasheet
343Kb / 3P
   Single Comparator
logo
Toshiba Semiconductor
TC75S59F TOSHIBA-TC75S59F Datasheet
214Kb / 7P
   SINGLE COMPARATOR
logo
Fairchild Semiconductor
LM311 FAIRCHILD-LM311 Datasheet
99Kb / 10P
   Single Comparator
logo
Mitsubishi Electric Sem...
M5239L MITSUBISHI-M5239L Datasheet
80Kb / 3P
   SINGLE COMPARATOR
logo
New Japan Radio
NJM2406 NJRC-NJM2406 Datasheet
155Kb / 5P
   SINGLE COMPARATOR
logo
Fairchild Semiconductor
KA311 FAIRCHILD-KA311 Datasheet
99Kb / 10P
   Single Comparator
logo
Toshiba Semiconductor
TA7523AS TOSHIBA-TA7523AS Datasheet
239Kb / 7P
   SINGLE COMPARATOR
TC75S57F TOSHIBA-TC75S57F Datasheet
252Kb / 7P
   SINGLE COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com