Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUL742CFP Datasheet(PDF) 9 Page - STMicroelectronics

Part # BUL742CFP
Description  High voltage fast-switching
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

BUL742CFP Datasheet(HTML) 9 Page - STMicroelectronics

Back Button BUL742CFP Datasheet HTML 3Page - STMicroelectronics BUL742CFP Datasheet HTML 4Page - STMicroelectronics BUL742CFP Datasheet HTML 5Page - STMicroelectronics BUL742CFP Datasheet HTML 6Page - STMicroelectronics BUL742CFP Datasheet HTML 7Page - STMicroelectronics BUL742CFP Datasheet HTML 8Page - STMicroelectronics BUL742CFP Datasheet HTML 9Page - STMicroelectronics BUL742CFP Datasheet HTML 10Page - STMicroelectronics BUL742CFP Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
BUL742CFP
Package mechanical data
9/11
L2
L6
L3
12 3
L7
L4
L5
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.4
4.6
0.173
0.181
B
2.5
2.7
0.098
0.106
D
2.5
2.75
0.098
0.108
E
0.45
0.7
0.017
0.027
F
0.75
1
0.030
0.039
F1
1.15
1.7
0.045
0.067
F2
1.15
1.7
0.045
0.067
G
4.95
5.2
0.195
0.204
G1
2.4
2.7
0.094
0.106
H
10
10.4
0.393
0.409
L2
16
0.630
L3
28.6
30.6
1.126
1.204
L4
9.8
10.6
.0385
0.417
L5
2.9
3.6
0.114
0.141
L6
15.9
16.4
0.626
0.645
L7
9
9.3
0.354
0.366
Ø
3
3.2
0.118
0.126
TO-220FP MECHANICAL DATA


Similar Part No. - BUL742CFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BUL742C STMICROELECTRONICS-BUL742C Datasheet
281Kb / 7P
   HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
BUL742C STMICROELECTRONICS-BUL742C Datasheet
286Kb / 12P
   High voltage fast-switching NPN power transistor
logo
Inchange Semiconductor ...
BUL742C ISC-BUL742C Datasheet
255Kb / 2P
   isc Silicon NPN Power Transistor
logo
STMicroelectronics
BUL742C STMICROELECTRONICS-BUL742C_08 Datasheet
286Kb / 12P
   High voltage fast-switching NPN power transistor
More results

Similar Description - BUL742CFP

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BULD742C STMICROELECTRONICS-BULD742C Datasheet
316Kb / 12P
   High voltage fast-switching
logo
Comset Semiconductor
BUX98 COMSET-BUX98_12 Datasheet
79Kb / 3P
   HIGH VOLTAGE FAST SWITCHING
BUX98 COMSET-BUX98 Datasheet
130Kb / 3P
   HIGH VOLTAGE FAST SWITCHING
logo
Seme LAB
BUX98A SEME-LAB-BUX98A Datasheet
18Kb / 2P
   HIGH VOLTAGE FAST SWITCHING
logo
SemiWell Semiconductor
SBP13005-S SEMIWELL-SBP13005-S Datasheet
160Kb / 4P
   High Voltage Fast Switching NPN
logo
Fairchild Semiconductor
KSC5030F FAIRCHILD-KSC5030F_05 Datasheet
143Kb / 6P
   High Voltage Fast Switching Transistor
logo
Taiwan Semiconductor Co...
BAV19W-G TSC-BAV19W-G_14 Datasheet
206Kb / 5P
   High Voltage Fast Switching Diode
logo
Fairchild Semiconductor
FJP5554 FAIRCHILD-FJP5554 Datasheet
172Kb / 6P
   High Voltage Fast Switching Transistor
FJD5304D FAIRCHILD-FJD5304D_10 Datasheet
231Kb / 6P
   High Voltage Fast Switching Transistor
logo
SemiWell Semiconductor
SBP13005-O SEMIWELL-SBP13005-O Datasheet
160Kb / 4P
   High Voltage Fast Switching NPN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com