Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC75W56FK Datasheet(PDF) 3 Page - Toshiba Semiconductor

Part # TC75W56FK
Description  Dual Comparator
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC75W56FK Datasheet(HTML) 3 Page - Toshiba Semiconductor

  TC75W56FK Datasheet HTML 1Page - Toshiba Semiconductor TC75W56FK Datasheet HTML 2Page - Toshiba Semiconductor TC75W56FK Datasheet HTML 3Page - Toshiba Semiconductor TC75W56FK Datasheet HTML 4Page - Toshiba Semiconductor TC75W56FK Datasheet HTML 5Page - Toshiba Semiconductor TC75W56FK Datasheet HTML 6Page - Toshiba Semiconductor TC75W56FK Datasheet HTML 7Page - Toshiba Semiconductor TC75W56FK Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TC75W56FU/FK
2007-11-01
3
Electrical Characteristics (VDD = 5V, VSS = GND, Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Input offset voltage
VIO
±1
±7
mV
Input offset current
IIO
1
pA
Input bias current
II
1
pA
Common mode input voltage
CMVIN
0
4.1
V
Supply current
IDD (Note)
22
44
μA
Voltage gain
GV
94
dB
Sink current
Isink
VOL = 0.5V
13
25
mA
Source current
Isource
VOH = 4.5V
9
21
mA
VOL
Isink = 5.0mA
0.1
0.3
Output voltage
VOH
Isource = 5.0mA
4.7
4.9
V
Operating supply voltage
VDD
1.8
7.0
V
tPLH (1)
Over drive = 100mV
680
Propagation delay time (turn on)
tPLH (2)
TTL step input
500
ns
tPHL (1)
Over drive = 100mV
250
Propagation delay time (turn off)
tPHL (2)
TTL step i nput
380
ns
tTLH
Over drive = 100mV
60
Response time
tTHL
Over drive = 100mV
8
ns
Electrical Characteristics (VDD = 3V, VSS = GND, Ta = 25°C)
Characteristic
Symbol
Test
Circuit
Test Condition
Min
Typ.
Max
Unit
Input offset voltage
VIO
±1
±7
mV
Input offset current
IIO
1
pA
Input bias current
II
1
pA
Common mode input voltage
CMVIN
0
2.1
V
Supply current
IDD (Note)
20
40
μA
Sink current
Isink
VOL = 0.5V
6
18
mA
Source current
Isource
VOH = 2.5V
3
15
mA
VOL
Isink = 5.0mA
0.15
0.35
Output voltage
VOH
Isource = 5.0mA
2.65
2.85
V
Propagation delay time (turn on)
tPLH
Over drive = 100mV
550
ns
Propagation delay time (turn off)
tPHL
Over drive = 100mV
250
ns
tTLH
Over drive = 100mV
30
Response time
tTHL
Over drive = 100mV
8
ns
Note:
Since this product causes an increase in current consumption with a rise in operational frequency, make sure
that power consumption does not exceed the allowable dissipation.


Similar Part No. - TC75W56FK

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC75W56FK TOSHIBA-TC75W56FK Datasheet
221Kb / 7P
   DUAL COMPARATOR
logo
List of Unclassifed Man...
TC75W56FK ETC-TC75W56FK Datasheet
320Kb / 28P
   General-Purpose Linear ICs
More results

Similar Description - TC75W56FK

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA17903 HITACHI-HA17903 Datasheet
40Kb / 8P
   Dual Comparator
logo
Mitsubishi Electric Sem...
M51923P MITSUBISHI-M51923P Datasheet
110Kb / 4P
   DUAL COMPARATOR
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319_12 Datasheet
174Kb / 8P
   Dual Comparator
logo
Renesas Technology Corp
M5233L RENESAS-M5233L Datasheet
1Mb / 4P
   DUAL COMPARATOR
logo
Linear Technology
LM119 LINER-LM119_15 Datasheet
198Kb / 12P
   Dual Comparator
LT319A LINER-LT319A_15 Datasheet
198Kb / 12P
   Dual Comparator
LM319 LINER-LM319_15 Datasheet
198Kb / 12P
   Dual Comparator
LT119A LINER-LT119A_15 Datasheet
198Kb / 12P
   Dual Comparator
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319 Datasheet
111Kb / 10P
   Dual Comparator
logo
Fujitsu Component Limit...
MB47393 FUJITSU-MB47393 Datasheet
81Kb / 9P
   DUAL COMPARATOR
logo
Renesas Technology Corp
M51923P RENESAS-M51923P Datasheet
1Mb / 5P
   DUAL COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com