Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC93P24FG Datasheet(PDF) 9 Page - Toshiba Semiconductor

Part # TC93P24FG
Description  Single-Chip DTS Microcontroller (DTS-20)
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC93P24FG Datasheet(HTML) 9 Page - Toshiba Semiconductor

Back Button TC93P24FG Datasheet HTML 5Page - Toshiba Semiconductor TC93P24FG Datasheet HTML 6Page - Toshiba Semiconductor TC93P24FG Datasheet HTML 7Page - Toshiba Semiconductor TC93P24FG Datasheet HTML 8Page - Toshiba Semiconductor TC93P24FG Datasheet HTML 9Page - Toshiba Semiconductor TC93P24FG Datasheet HTML 10Page - Toshiba Semiconductor TC93P24FG Datasheet HTML 11Page - Toshiba Semiconductor TC93P24FG Datasheet HTML 12Page - Toshiba Semiconductor TC93P24FG Datasheet HTML 13Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
TC93P24FG
2006-08-31
9
Pin No.
Symbol
Pin Name
Function and Operation
Remarks
77
78
DO1
DO2/OUT
Phase comparator
output
/output port
PLL phase comparator output pins.
In tri-state output, when the
programmable counter divider output
is higher than the reference
frequency, the pins output High level;
when the output is lower than the
reference frequency, the pins output
Low level. When the outputs match,
the pins go to high impedance.
Because DO1 and DO2 are output in
parallel, optimal filter constants can be
designed for both the AM and FM
bands.
The DO2 pin can be programmed to
high impedance or set as an output
port (OUT). Therefore, lockup time
can be improved using the DO1 and
DO2 pins or the pins can be
effectively used as output ports.
Lock-up time can also be improved by
using DO1 and DO2 together by
setting the pins to High-Speed Lock
mode when using a 4.5 MHz
oscillator. When the phase difference
equals or exceeds
±1.11 µs, DO1 and
DO2 output the phase difference
pulse. When the phase difference is
less than
±1.11 µs, the DO2 output
goes to high impedance and only DO1
outputs the phase difference pulse.
79
TEST2
Test mode control
input 2
Input pin for controlling Test mode.
When the pins are at High level, the
device is in Test mode; at Low level,
in normal operation.
Normally, set the pins to Low level or
NC (pull-down resistors are
incorporated).
80~83
P6-0
P6-3
I/O port 6
84~87
P7-0
P7-3
I/O port 7
4-bit CMOS I/O ports.
Input and output can be programmed
in 1-bit units.
88~91
P8-0
P8-3
I/O port 8
4-bit CMOS I/O port.
Input and output can be programmed
in 1-bit units.
As the pins can be pulled up or pulled
down by software they can be used as
key input pins. When set to an I/O port
input, that input can be varied to
release Clock Stop or Wait modes or
to set the MUTE bit of the MUTE pin
to 1.
VDD
VDD
RIN1
VDD
VDD
Input
instruction
VDD
VDD
RIN2


Similar Part No. - TC93P24FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC93P27F TOSHIBA-TC93P27F Datasheet
206Kb / 16P
   TOSHIBA CMOS Digital Integrated Circuit Silicon Monolithic
More results

Similar Description - TC93P24FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC9325F TOSHIBA-TC9325F Datasheet
1Mb / 101P
   Single-Chip DTS Microcontroller (DTS-20)
TC9324F TOSHIBA-TC9324F Datasheet
1Mb / 101P
   Single-Chip DTS Microcontroller (DTS-20)
TC9349AFG TOSHIBA-TC9349AFG Datasheet
2Mb / 129P
   Single-Chip DTS Microcontroller (DTS-21)
TC9318AFAG TOSHIBA-TC9318AFAG Datasheet
1Mb / 56P
   Single Chip DTS Microcontroller (DTS-21)
TC9323F TOSHIBA-TC9323F Datasheet
735Kb / 17P
   SINGLE CHIP DTS MICROCONTROLLER
TC9318FA TOSHIBA-TC9318FA Datasheet
3Mb / 60P
   SINGLE CHIP DTS MICROCONTROLLER
TC9319F TOSHIBA-TC9319F Datasheet
3Mb / 54P
   SINGLE CHIP DTS MICROCONTROLLER
TC9322FA TOSHIBA-TC9322FA Datasheet
767Kb / 17P
   SINGLE CHIP DTS MICROCONTROLLER
TC9309AF TOSHIBA-TC9309AF Datasheet
2Mb / 53P
   SINGLE CHIP DTS MICROCONTROLLER
TC9314F TOSHIBA-TC9314F Datasheet
5Mb / 76P
   SINGLE-CHIP DTS MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com