Electronic Components Datasheet Search |
|
GB162ASGABMLB-V01 Datasheet(PDF) 4 Page - Jewel Hill Electronic |
|
GB162ASGABMLB-V01 Datasheet(HTML) 4 Page - Jewel Hill Electronic |
4 / 23 page GB162A VER: 3.0 - 3 - Issue date: 2006/07/27 JEWEL HILL ELECTRONIC CO.,LTD. 1. GENERAL DESCRIPTION The GB162A is a 16C x 2L Character LCD module. It has a STN panel composed of 80 segments and 16 commons. The LCM can be easily accessed by micro-controller via parallel interface. 2. FEATURES Transflective and positive Display Mode STN(Yellow - Green) module Display Format Character 16C x 2L Input Data 8/4-bit parallel data input from MPU Multiplexing Ratio 1/16 Duty Bias 1/5 Bias Viewing Direction 6 O’clock Backlight LED 3. MECHANICAL SPECIFICATION Item Specifications Unit Dimensional outline 80.0 x 36.0 x 12.7(max) mm Resolution 80segs x 16coms dots Active area 57.7(W) x 9.4(H) mm Char. pitch 3.65(W) x 5.05(H) mm Char. pitch 2.95(W) x 4.35(H) mm Dots pitch 0.6 (W)×0.55(H) mm Dots size 0. 55(W)×0.5(H) mm |
Similar Part No. - GB162ASGABMLB-V01 |
|
Similar Description - GB162ASGABMLB-V01 |