Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ARC242 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ARC242
Description  Array chip resistors size 4 X 0603
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

ARC242 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ARC242 Datasheet HTML 1Page - List of Unclassifed Manufacturers ARC242 Datasheet HTML 2Page - List of Unclassifed Manufacturers ARC242 Datasheet HTML 3Page - List of Unclassifed Manufacturers ARC242 Datasheet HTML 4Page - List of Unclassifed Manufacturers ARC242 Datasheet HTML 5Page - List of Unclassifed Manufacturers ARC242 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4
Array chip resistors
size 4
× 0603
ARC241/ARC242
ARV241/ARV242
MECHANICAL DATA
Mass per 100 units
Marking
All resistors within the E24 series are
marked with a 3-digit code and a
4-digit code for resistors of the
E96 series, on the protective coat to
designate the nominal resistance
value.
3-DIGIT MARKING
For values up to 91
Ω the R is used as
a decimal point. For values of 100
or greater the first 2 digits apply to the
resistance value and the third
indicates the number of zeros to
follow.
Example
4-DIGIT MARKING
For values up to 976
Ω the R is used
as a decimal point. For values of 1 K
or greater the first 3 digits apply to the
resistance value and the fourth
indicates the number of zeros to
follow.
Example
TYPE
MASS
(g)
ARC241
1.1
ARC242
1.1
ARV241
0.9186
ARV242
0.9186
MARKING
RESISTANCE
12R
12
124
120 k
000
jumper
MARKING
RESISTANCE
12R0
12
1203
120 k
PACKAGE MARKING
The packaging is also marked and includes resistance value, tolerance,
catalogue number, quantity, production period, batch number and source code.
Outlines
Table 3
Physical dimensions; see Fig.3
SYMBOL
ARC241/242
ARV241
ARV242
UNIT
VALUE
TOL.
VALUE
TOL.
VALUE
TOL.
L
3.20
+0.20/
−0.10
3.20
±0.15
3.20
±0.15 mm
W
1.60
+0.20/
−0.10
1.60
±0.15
1.60
±0.15 mm
T
0.60
±0.20
0.55
±0.10
0.55
±0.10 mm
A
0.60
±0.15
0.40
±0.15
0.60
±0.05 mm
B
0.35
±0.15
0.30
±0.20
0.30
±0.20 mm
P
0.80
±0.15
0.80
±0.15
0.80
±0.15 mm
E
0.50
±0.15
−−−−
mm
G
0.50
±0.15
0.30
±0.15
0.30
±0.15 mm
C
0.10
min.
0.10
min.
0.40
±0.15 mm
Fig.3 Outlines.
Dimensions in mm.
For dimensions see Table 3.
handbook, 4 columns
a
a
A
C
P
L
a
a
B
103
103
A
T
W
P
L
B
G
E
G
C
C
convex termination
concave termination
CCA863


Similar Part No. - ARC242

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
ARC242 YAGEO-ARC242 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
More results

Similar Description - ARC242

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
YC102-FR-070RL YAGEO-YC102-FR-070RL Datasheet
861Kb / 12P
   ARRAY CHIP RESISTORS
logo
MERITEK ELECTRONICS COR...
RTA MERITEK-RTA Datasheet
1Mb / 7P
   Chip Resistors Array
logo
YAGEO Corporation
1508227 YAGEO-1508227 Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
443424 YAGEO-443424 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC164 YAGEO-YC164 Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
YC124-JR-0710KL YAGEO-YC124-JR-0710KL Datasheet
326Kb / 9P
   ARRAY CHIP RESISTORS
TC164-JR-071K2L YAGEO-TC164-JR-071K2L Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-07560RL YAGEO-TC164-JR-07560RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
TC164-JR-0727RL YAGEO-TC164-JR-0727RL Datasheet
338Kb / 8P
   ARRAY CHIP RESISTORS
logo
List of Unclassifed Man...
YC248 ETC2-YC248 Datasheet
327Kb / 8P
   ARRAY CHIP RESISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com