Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LS2323DR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LS2323DR
Description  DUAL LINE RECEIVER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LS2323DR Datasheet(HTML) 5 Page - Texas Instruments

  SN74LS2323DR Datasheet HTML 1Page - Texas Instruments SN74LS2323DR Datasheet HTML 2Page - Texas Instruments SN74LS2323DR Datasheet HTML 3Page - Texas Instruments SN74LS2323DR Datasheet HTML 4Page - Texas Instruments SN74LS2323DR Datasheet HTML 5Page - Texas Instruments SN74LS2323DR Datasheet HTML 6Page - Texas Instruments SN74LS2323DR Datasheet HTML 7Page - Texas Instruments SN74LS2323DR Datasheet HTML 8Page - Texas Instruments SN74LS2323DR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SN74LS2323
DUAL LINE RECEIVER
SDLS965 − OCTOBER 2004
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics, VCC = 5 V ±10%, VREF = 2.5 V, TA = 0°C to 70°C
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
tPLH(L)
Propagation delay time, low- to high-level output from LINE
CL = 50 pF, RL = 500 Ω,
See Figure 1
10
25
35
ns
tPHL(L)
Propagation delay time, high- to low-level output from LINE
CL = 50 pF, RL = 500 Ω,
See Figure 1
10
25
35
ns
tPLH(S)
Propagation delay time,
low- to high-level output from COMSTRB
CL = 50 pF, RL = 500 Ω,
See Figure 1
11
22
ns
tPHL(S)
Propagation delay time,
high- to low-level output from COMSTRB
CL = 50 pF, RL = 500 Ω,
See Figure 1
8
15
ns
† All typical values are at VCC = 5 V, TA = 25°C.
PARAMETER MEASUREMENT INFORMATION
NOTES: A. All input pulses are supplied by generators having the following characteristics: PRR
≤ 1 MHz, tr and tf ≤ 2 ns, and
duty cycle = 50%.
B. CL includes probe and jig capacitance.
C. All diodes are 1N914 (or equivalent).
D. The outputs are measured one at a time, with one input transition per measurement.
VOLTAGE WAVEFORMS
tPLH(S)
tPLH(L)
3 V
2 V
3 V
0 V
VOH
VOL
tPHL(L)
OUTPUT
D.U.T.
TEST CIRCUIT
T.P.
tPHL(S)
COMSTRB
LINE
2.5 V
0.8 V
2 V
0.8 V
2 V
1.5 V
1.5 V
CL = 50 pF
VCC
500
W
Figure 1. Load Circuit and Voltage Waveforms


Similar Part No. - SN74LS2323DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LS20 TI-SN74LS20 Datasheet
247Kb / 7P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
SN74LS20 TI-SN74LS20 Datasheet
910Kb / 25P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
SN74LS20 TI1-SN74LS20 Datasheet
951Kb / 20P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
SN74LS20-W TI1-SN74LS20-W Datasheet
951Kb / 20P
[Old version datasheet]   DUAL 4-INPUT POSITIVE-NAND GATES
logo
Motorola, Inc
SN74LS20D MOTOROLA-SN74LS20D Datasheet
45Kb / 2P
   DUAL 4-INPUT NAND GATE
More results

Similar Description - SN74LS2323DR

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-1930 HP-HCPL-1930 Datasheet
229Kb / 12P
   Dual Channel Line Receiver Dual Channel Line Receiver Dual Channel Line Receiver
logo
National Semiconductor ...
DS9622 NSC-DS9622 Datasheet
199Kb / 7P
   Dual Line Receiver
DS75107 NSC-DS75107 Datasheet
227Kb / 9P
   Dual Line Receiver
logo
Texas Instruments
SN75140 TI-SN75140 Datasheet
143Kb / 9P
[Old version datasheet]   DUAL LINE RECEIVER
SN75140 TI1-SN75140_14 Datasheet
718Kb / 18P
[Old version datasheet]   DUAL LINE RECEIVER
logo
National Semiconductor ...
DS7820A NSC-DS7820A Datasheet
250Kb / 8P
   Dual Line Receiver
DS9627 NSC-DS9627 Datasheet
188Kb / 5P
   Dual Line Receiver
logo
Texas Instruments
DS7820A TI1-DS7820A_11 Datasheet
293Kb / 10P
[Old version datasheet]   Dual Line Receiver
logo
National Semiconductor ...
DS7820 NSC-DS7820 Datasheet
123Kb / 6P
   Dual Line Receiver
February 1996
logo
Texas Instruments
UA9639C TI-UA9639C Datasheet
101Kb / 7P
[Old version datasheet]   DUAL DIFFERENTIAL LINE RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com