Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

H1180 Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # H1180
Description  10/100BASE-TX VoIP Magnetics Modules
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

H1180 Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  H1180 Datasheet HTML 1Page - Pulse A Technitrol Company H1180 Datasheet HTML 2Page - Pulse A Technitrol Company H1180 Datasheet HTML 3Page - Pulse A Technitrol Company H1180 Datasheet HTML 4Page - Pulse A Technitrol Company H1180 Datasheet HTML 5Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
USA 858 674 8100 •• Germany 49 7032 7806 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
RoHS-53
RoHS-64
Insertion
Return Loss
Differential to Common
Crosstalk
DC
Compliant
Compliant
Ports
Loss
(dB MIN @ 100
Ω)
Mode Rejection
(dB MIN)
Hipot
Resistance
Part
Part
(dB MAX)
(dB MIN)
(VRMS MIN)
Balance
Number
Number
1-100MHz
1-30MHz 40MHz 50MHz 60-80MHz
30MHz 60MHz
100MHz
30MHz 60MHz 100MHz
< (%)
H1180
H1180NL2c
1
-1.2
-16
-14
-13
-12
-43
-37
-33
-45
-40
-35
1500
H1187
H1187NL4c
1
-1.2
-16
-14
-13
-12
-43
-37
-33
-45
-40
-35
1500
H1197
H1197NL 2c
1
-1.2
-16
-14
-13
-12
-43
-37
-33
-45
-40
-35
1500
H2019
H2019NL2c
1
-1.2
-16
-14
-13
-12
-43
-37
-33
-45
-40
-35
1500
3.5
H2005A
H2005ANL2c
2
-1.2
-16
-14
-13
-12
-50
-43
-35
-43
-37
-33
1500
3.5
H2006A
H2006ANL2d
2
-1.2
-16
-14
-13
-12
-43
-37
-33
-43
-37
-31
1500
3.5
H2008
H2008 NL2d
2
-1.2
-16
-14
-13
-12
-40
-35
-30
-43
-37
-33
1500
3.5
H2009
H2009NL2a
2
-1.1
-16
-14
-13
-12
-43
-37
-33
-43
-37
-33
1500
3.5
H2014
4
-1.2
-16
-14
-13
-12
-43
-37
-33
-45
-40
-35
1500
3.5
H2017
H2017NL2c
4
-1.2
-16
-14
-13
-12
-43
-37
-33
-45
-40
-35
1800
3.5
HX20191
HX2019NL1, 2a
1
-1.4
-16
-14
-13
-12
-45
-40
-35
1500
3.5
1. Extended operating temperature (-40°C to +85°C)
2. MSL (Moisture Sensitivity Level): a = 1 b = 2 c = 3 d = 4 e = 5
3. RoHS-5: Product does not contain 5 out of the 6 banned substances specified in the RoHS directive (product contains lead in applications considered solder).
4. RoHS-6: Product does not contain 5 out of the 6 banned substances specified in the RoHS directive. Some internal connections may contain lead in high-temperature
solder (solder alloys containing more than 85% lead).
NOTE: When ordering Tape & Reel packaging, add the suffix “T” to the end of the part number. For example: H2008NLT.
www.pulseeng.com
1
H327.L (5/07)
POWER OVER ETHERNET
(PoE) MAGNETICS
10/100BASE-TX VoIP Magnetics Modules
RoHS-5 peak reflow temperature rating 235°C
RoHS-6 peak reflow temperature rating 245°C°°
IEEE 802.3af/ANSI X3.263 compliant performance
Designed for IP phone or switch applications
Electrical Specifications @ 25°C — Operating Temperature 0°C to 70°C
H1180
H1187
Mechanicals
Dimensions: Inches
Unless otherwise specified, all tolerances are ± .010
mm
0,25
Weight . . . . . . . . . . 0.6 grams
Tape & Reel . . . . . . . 500/reel
Tube . . . . . . . . . . . . . 70/tube
Weight . . . . . . . . . .0.6 grams
Tape & Reel . . . . . . .500/reel
Tube . . . . . . . . . . . . . .65/tube
.200
5,08
SUGGESTED PAD LAYOUT
.300
7,62
.300
7,62
.415
10,54
+.005
-.010
.018/.020 TYP
0,45/0,51
13
5
6
4
2
H1180
Date Code
Country of Origin
.100
2,54
.200
5,08
.025
0,64
.070
1,78
.290
7,37
.430
10,92
.100
2,54
TYP
.200
5,08
.040
1,02
.010/.015
0,25/0,38
0°/8°
.003/0,08
SUGGESTED PAD LAYOUT
.075
1,91
.258
6,55
.040
1,02
.240
6,10
.100
2,54
.200
5,08
.250
6,35
.275 MAX
7,00
.390
9,91
.300 MAX
7,62
1
2
3
6
54
H1187
Date Code
Country of Origin


Similar Part No. - H1180

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H1183NL PULSE-H1183NL Datasheet
526Kb / 3P
   RoHS peak reflow temperature rating: 245C
H1183NL PULSE-H1183NL Datasheet
103Kb / 3P
   10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
H1183NL PULSE-H1183NL Datasheet
103Kb / 3P
   10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
H1183NL PULSE-H1183NL Datasheet
211Kb / 3P
   10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
H1183NL3 PULSE-H1183NL3 Datasheet
103Kb / 3P
   10/100BASE-T SINGLE PORT SURFACE MOUNT MAGNETICS
More results

Similar Description - H1180

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
H2008NLT PULSE-H2008NLT Datasheet
646Kb / 5P
   10/100BASE-TX VoIP Magnetics Modules
HX2019NLT PULSE-HX2019NLT Datasheet
1Mb / 5P
   100Base-TX VoIP Magnetics Modules
logo
Nuvotem Talema
VO-100A TALEMA-VO-100A Datasheet
163Kb / 2P
   SMD 10/100Base-TX VoIP Magnetics
logo
VITALCONN ELECTRONICS H...
TH16101S1 VITALCONN-TH16101S1 Datasheet
252Kb / 1P
   POWER OVER ETHERNET PoE MAGNETICS 10/100BASE-TX VoIP Magnetics Modules
TA16111S1 VITALCONN-TA16111S1 Datasheet
252Kb / 1P
   POWER OVER ETHERNET PoE MAGNETICS 10/100BASE-TX VoIP Magnetics Modules
TA16112S1 VITALCONN-TA16112S1 Datasheet
253Kb / 1P
   POWER OVER ETHERNET PoE Plus MAGNETICS 10/100BASE-TX VoIP Magnetics Modules
logo
XFMRS Inc.
XF6692TX XFMRS-XF6692TX Datasheet
58Kb / 1P
   10/100BASE-TX MAGNETICS
XF6611TX1B XFMRS-XF6611TX1B Datasheet
45Kb / 1P
   10/100BASE-TX MAGNETICS
XF6611TX1B XFMRS-XF6611TX1B_15 Datasheet
45Kb / 1P
   10/100BASE-TX MAGNETICS
XF6692TX XFMRS-XF6692TX_15 Datasheet
58Kb / 1P
   10/100BASE-TX MAGNETICS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com