Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TC4027BP Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TC4027BP
Description  Dual J-K Master-Slave Flip Flop
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TC4027BP Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TC4027BP Datasheet HTML 1Page - Toshiba Semiconductor TC4027BP Datasheet HTML 2Page - Toshiba Semiconductor TC4027BP Datasheet HTML 3Page - Toshiba Semiconductor TC4027BP Datasheet HTML 4Page - Toshiba Semiconductor TC4027BP Datasheet HTML 5Page - Toshiba Semiconductor TC4027BP Datasheet HTML 6Page - Toshiba Semiconductor TC4027BP Datasheet HTML 7Page - Toshiba Semiconductor TC4027BP Datasheet HTML 8Page - Toshiba Semiconductor TC4027BP Datasheet HTML 9Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TC4027BP/BF/BFN
2007-10-01
4
Dynamic Electrical Characteristics (Ta = 25°C, VSS = 0 V, CL = 50 pF)
Test Condition
Characteristics
Symbol
VDD (V)
Min
Typ.
Max
Unit
Output transition time
(low to high)
tTLH
5
10
15
70
35
30
200
100
80
ns
Output transition time
(high to low)
tTHL
5
10
15
70
35
30
200
100
80
ns
Propagation delay time
(CLOCK-Q, Q )
tpLH
tpHL
5
10
15
150
75
60
300
130
90
ns
Propagation delay time
(SET, RESET-Q, Q )
tpLH
tpHL
5
10
15
120
60
45
300
130
90
ns
Max clock frequency
fCL
5
10
15
3.5
8.0
12.0
8
16
20
MHz
Max clock input rise time
Max clock input fall time
trCL
tfCL
5
10
15
No limit
μs
Min pulse width
(SET, RESET)
tW
5
10
15
60
35
25
180
80
50
ns
Min clock pulse width
tW
5
10
15
60
35
25
140
60
40
ns
Min set-up time
(J, K-CLOCK)
tSU
5
10
15
30
10
5
140
50
35
ns
Min hold time
(J, K-CLOCK)
tH
5
10
15
140
50
35
ns
Min removal time
(SET, RESET-CLOCK)
trem
5
10
15
40
20
15
ns
Input capacitance
CIN
5
7.5
pF


Similar Part No. - TC4027BP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC4027BP TOSHIBA-TC4027BP Datasheet
270Kb / 7P
   DUAL J-K MASTER-SLAVE FLIP FLOP
More results

Similar Description - TC4027BP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10135 ONSEMI-MC10135_02 Datasheet
112Kb / 8P
   Dual J-K Master-Slave Flip-Flop
January, 2002 ??Rev. 7
logo
Toshiba Semiconductor
TC4027BP TOSHIBA-TC4027BP Datasheet
270Kb / 7P
   DUAL J-K MASTER-SLAVE FLIP FLOP
logo
Micro Electronics
MMC4027 MICRO-ELECTRONICS-MMC4027 Datasheet
113Kb / 4P
   DUAL J-K MASTER SLAVE FLIP FLOP
logo
ON Semiconductor
MC10H135 ONSEMI-MC10H135 Datasheet
97Kb / 3P
   Dual J-K Master-Slave Flip-Flop
REV 6
MC10135 ONSEMI-MC10135 Datasheet
110Kb / 5P
   Dual J-K Master-Slave Flip-Flop
1996 REV 5
logo
STMicroelectronics
HCF4027B STMICROELECTRONICS-HCF4027B_02 Datasheet
218Kb / 9P
   DUAL J-K MASTER SLAVE FLIP-FLOP
HCC4027B STMICROELECTRONICS-HCC4027B Datasheet
286Kb / 12P
   DUAL-J-K MASTER-SLAVE FLIP-FLOP
logo
Texas Instruments
CD4027B TI1-CD4027B_15 Datasheet
1Mb / 27P
[Old version datasheet]   CMOS Dual J-K Master-Slave Flip-Flop
CD4027B TI-CD4027B_07 Datasheet
676Kb / 14P
[Old version datasheet]   CMOS Dual J-K Master-Slave Flip-Flop
logo
Intersil Corporation
CD4027BMS INTERSIL-CD4027BMS Datasheet
72Kb / 8P
   CMOS Dual J-K Master-Slave Flip-Flop
December 1992
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com