Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA62746AFNG Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TCA62746AFNG
Description  16-Output Constant Current LED Driver with Output Open/Short Detection
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCA62746AFNG Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TCA62746AFNG Datasheet HTML 1Page - Toshiba Semiconductor TCA62746AFNG Datasheet HTML 2Page - Toshiba Semiconductor TCA62746AFNG Datasheet HTML 3Page - Toshiba Semiconductor TCA62746AFNG Datasheet HTML 4Page - Toshiba Semiconductor TCA62746AFNG Datasheet HTML 5Page - Toshiba Semiconductor TCA62746AFNG Datasheet HTML 6Page - Toshiba Semiconductor TCA62746AFNG Datasheet HTML 7Page - Toshiba Semiconductor TCA62746AFNG Datasheet HTML 8Page - Toshiba Semiconductor TCA62746AFNG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
TCA62746AFG/AFNG
2007-05-22
1
TOSHIBA CMOS Integrated Circuit
Silicon Monolithic
TCA62746AFG,TCA62746AFNG
16-Output Constant Current LED Driver with Output Open/Short Detection
The TCA62746 series are LED drivers with sink type constant
circuit output, making them ideal for controlling LED modules
and displays.
The current value of the 16-output is configurable using one
external resistor.
In addition, these drivers are equipped with a function for
detecting the output voltage when the output load LEDs open or
short, and which then outputs the result as serial data.
These drivers consist of a 16-constant current output block, a
16-bit shift register, a 16-bit latch and a 16-bit AND-gate.
The suffix (G) appended to the part number represents a Lead
(Pb)-Free product.
Features
• 16-output built-in
• Output open detection (OOD) function
: When in detection mode, outputs the detection results via
SOUT.
• Output short detection (OSD) function
: When in detection mode, outputs the detection results via
SOUT.
• Output current setting range
: 2 to 50 mA
× 16-constant current output
• Current accuracy (@ REXT = 1.56 kΩ, VO = 1.0 V, VDD = 5.0 V)
: Between outputs:
± 1% (typ.)
Between devices:
± 3% (typ.)
• Control data format: serial-in, parallel-out
• I/O logic: TTL level (Schmitt trigger input)
• Data transfer frequency: fMAX = 25 MHz (max)
• Power supply voltage: VDD = 4.5 to 5.5 V
• Operation temperature range: Topr = −40 to 85°C
• Constant current output voltage: VO = 17V (max)
• Output delay circuit built-in: Internal data reset circuit for power-on resetting (POR)
• Backward compatible to TB62706B and TB62726A series drivers
• Package: FG type: SSOP24-P-300-1.00B
FNG type: SSOP24-P-300-0.65A
Caution
This device is sensitive to electrostatic discharge. Please handle with care.
The terminals which are marginal to electro static discharge are shown in the following table.
(Please refer to page 22 for details.)
ESD test MM Model Marginal terminals (MM Model Internal Standard ±200V)
5,6,7,8,9,10,11,12,13,14,15,16,19,20
* ESD test HBM Model Internal Standard (±2000V) is OK
TCA62746AFG
TCA62746AFNG
Weight
SSOP24-P-300-1.00B : 0.32 g (typ.)
SSOP24-P-300-0.65A : 0.14 g (typ.)


Similar Part No. - TCA62746AFNG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TCA62746AFNG MARKTECH-TCA62746AFNG Datasheet
504Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Toshiba Semiconductor
TCA62746AFNG TOSHIBA-TCA62746AFNG Datasheet
406Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
More results

Similar Description - TCA62746AFNG

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
TCA62746AFG MARKTECH-TCA62746AFG Datasheet
504Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Toshiba Semiconductor
TCA62746AFG_0711 TOSHIBA-TCA62746AFG_0711 Datasheet
406Kb / 25P
   16-Output Constant Current LED Driver with Output Open/Short Detection
logo
Texas Instruments
TLC5928 TI-TLC5928 Datasheet
1Mb / 27P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_17 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI1-TLC5928_16 Datasheet
1Mb / 32P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
TLC5928 TI-TLC5928_1 Datasheet
918Kb / 28P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with LED Open Detection
logo
Marktech Corporate
TC62D748CFNAG MARKTECH-TC62D748CFNAG Datasheet
380Kb / 23P
   16-Output Constant Current LED Driver
TC62D748CFG MARKTECH-TC62D748CFG_15 Datasheet
347Kb / 23P
   16-Output Constant Current LED Driver
TC62D749CFG MARKTECH-TC62D749CFG_15 Datasheet
385Kb / 23P
   16-Output Constant Current LED Driver
TC62D723FTAG MARKTECH-TC62D723FTAG_15 Datasheet
754Kb / 44P
   16-Output constant current LED driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com