Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCR5SB18 Datasheet(PDF) 10 Page - Toshiba Semiconductor

Part # TCR5SB18
Description  200mA CMOS Low-Dropout Regulator (Point Regulator)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR5SB18 Datasheet(HTML) 10 Page - Toshiba Semiconductor

Back Button TCR5SB18 Datasheet HTML 6Page - Toshiba Semiconductor TCR5SB18 Datasheet HTML 7Page - Toshiba Semiconductor TCR5SB18 Datasheet HTML 8Page - Toshiba Semiconductor TCR5SB18 Datasheet HTML 9Page - Toshiba Semiconductor TCR5SB18 Datasheet HTML 10Page - Toshiba Semiconductor TCR5SB18 Datasheet HTML 11Page - Toshiba Semiconductor TCR5SB18 Datasheet HTML 12Page - Toshiba Semiconductor TCR5SB18 Datasheet HTML 13Page - Toshiba Semiconductor TCR5SB18 Datasheet HTML 14Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
TCR5SB15~TCR5SB50
2007-11-01
10
4) Dropout Voltage vs. Output Current
5) Quiessrnt Current vs. InputVoltage
TCR5SB30
400
CIN = 0.1 μF, COUT = 1 μF,
0
100
200
300
0
40
100
200
Output current
IOUT (mA)
80
180
120 140 160
60
20
25°C
-40°C
Ta
= 85°C
TCR5SB50
CIN = 0.1 μF, COUT = 1 μF,
0
100
200
300
400
0
40
100
200
Output current
IOUT (mA)
80
180
120 140 160
60
20
25°C
-40°C
Ta
= 85°C
TCR5SB50
CIN = 0.1 μF, COUT = 1 μF
100
200
0
1
4
6
IOUT = 150 mA
2
3
5
Input voltage VIN (V)
0
0 mA
50 mA
50
250
150
TCR5SB30
CIN = 0.1 μF, COUT = 1 μF
100
200
0
1
4
6
IOUT = 150 mA
2
3
5
Input voltage VIN (V)
0
0 mA
50 mA
TCR5SB15
CIN = 0.1 μF, COUT = 1 μF
60
120
0
1
4
6
IOUT = 150 mA
2
3
5
Input voltage VIN (V)
0
0 mA
50 mA
20
40
80
100
TCR5SB18
CIN = 0.1 μF, COUT = 1 μF
60
120
0
1
4
6
IOUT = 150 mA
2
3
5
Input voltage VIN (V)
0
0 mA
50 mA
20
40
80
100


Similar Part No. - TCR5SB18

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR5SB18A TOSHIBA-TCR5SB18A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB18U TOSHIBA-TCR5SB18U Datasheet
269Kb / 18P
   200-mA CMOS Low-Dropout Regulators (Point Regulators)
More results

Similar Description - TCR5SB18

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR5SC15FE TOSHIBA-TCR5SC15FE Datasheet
206Kb / 16P
   150 mA CMOS Low-Dropout Regulator (Point regulator)
TCR5SB15A TOSHIBA-TCR5SB15A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB12 TOSHIBA-TCR5SB12 Datasheet
179Kb / 7P
   200 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201_05 Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
MIC5201-3.0YM MICREL-MIC5201-3.0YM Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
logo
Texas Instruments
LP5990 TI1-LP5990_14 Datasheet
926Kb / 18P
[Old version datasheet]   Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5990 TI1-LP5990 Datasheet
930Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5990 TI-LP5990_15 Datasheet
901Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201 Datasheet
132Kb / 12P
   200mA Low-Dropout Voltage Regulator
logo
Texas Instruments
UCC386 TI1-UCC386_08 Datasheet
145Kb / 9P
[Old version datasheet]   LOW-DROPOUT 200mA LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com