Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD6134AF Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TD6134AF
Description  ECL Prescaler For Digital Synthesized Tuner
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD6134AF Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TD6134AF Datasheet HTML 1Page - Toshiba Semiconductor TD6134AF Datasheet HTML 2Page - Toshiba Semiconductor TD6134AF Datasheet HTML 3Page - Toshiba Semiconductor TD6134AF Datasheet HTML 4Page - Toshiba Semiconductor TD6134AF Datasheet HTML 5Page - Toshiba Semiconductor TD6134AF Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
TD6134AF
2002-10-30
1
TOSHIBA Bipolar Digital Integrated Circuit Silicon Monolithic
TD6134AF
ECL Prescaler For Digital Synthesized Tuner
TD6134AF is a 2 modulus prescaler developed for low operating
voltage digital synthesized tuner, and can operate up to 250MHz.
Features
· Operating frequency range is 50~250MHz.
· 2 modulus prescaler:
N = 4 × 15 / 16
and N = 8 × 15 / 16
· Input voltage sensitivity is 25mVrms.
· 3V low operating supply voltage
· The package is SOP8 pins.
Pin Connection (top view)
Block Diagram
(Note)
This device is vulnerable to surge voltages.
Take it into account when using this device in your system.
Weight: 0.08g (typ.)


Similar Part No. - TD6134AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD6134AF TOSHIBA-TD6134AF Datasheet
163Kb / 5P
   ECL PRESACLE FOR DIGITAL STNTHESIZED TUNER
More results

Similar Description - TD6134AF

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD7104P TOSHIBA-TD7104P Datasheet
254Kb / 6P
   ECL PRESCALER FOR DIGITAL SYNTHESIZED TUNER
TD7104FG TOSHIBA-TD7104FG Datasheet
398Kb / 6P
   ECL Prescaler for Digital Synthesized Tuner
TD7103F TOSHIBA-TD7103F Datasheet
148Kb / 4P
   ECL PRESCALER FOR DIGITAL SYNTHESIZED TUNER
TD7103F TOSHIBA-TD7103F_02 Datasheet
282Kb / 5P
   ECL Prescaler For Digital Synthesized Tuner
TD7101F TOSHIBA-TD7101F_02 Datasheet
338Kb / 6P
   ELC Prescaler For Digital Synthesized Tuner
TD7101F TOSHIBA-TD7101F Datasheet
406Kb / 5P
   ELC PRESCALER FOR DIGITAL SYNTHSIZED TUNER
TD6134AF TOSHIBA-TD6134AF Datasheet
163Kb / 5P
   ECL PRESACLE FOR DIGITAL STNTHESIZED TUNER
logo
Zarlink Semiconductor I...
SL1935 ZARLINK-SL1935 Datasheet
415Kb / 23P
   Single Chip Synthesized Zero IF Tuner
logo
NTE Electronics
NTE7069 NTE-NTE7069 Datasheet
21Kb / 2P
   Integrated Circuit 2 Modulus High Speed Divider w/ECL Output for Phase-Lock Loop (PLL) Synthesized TV Tuner
logo
Hitachi Semiconductor
HD10551 HITACHI-HD10551 Datasheet
106Kb / 4P
   Prescaler for Digital Tuning System
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com