Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD7626FN Datasheet(PDF) 7 Page - Toshiba Semiconductor

Part # TD7626FN
Description  2.7GHz FREQUENCY SYNTHESIZER FOR SATELLITE TV
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD7626FN Datasheet(HTML) 7 Page - Toshiba Semiconductor

Back Button TD7626FN Datasheet HTML 3Page - Toshiba Semiconductor TD7626FN Datasheet HTML 4Page - Toshiba Semiconductor TD7626FN Datasheet HTML 5Page - Toshiba Semiconductor TD7626FN Datasheet HTML 6Page - Toshiba Semiconductor TD7626FN Datasheet HTML 7Page - Toshiba Semiconductor TD7626FN Datasheet HTML 8Page - Toshiba Semiconductor TD7626FN Datasheet HTML 9Page - Toshiba Semiconductor TD7626FN Datasheet HTML 10Page - Toshiba Semiconductor TD7626FN Datasheet HTML 11Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
TD7626F,TD7626FN
2001-03-01 7/14
DATA FORMAT
a) WRITE MODE
BYTE
MSB
LSB
1
ADDRESS Byte
1
1
0
0
0
MA1
MA0
R / W = 0
ACK
2
DIVIDER Byte (1)
0
2
14
2
13
2
12
2
11
2
10
2
9
2
8
ACK
3
DIVIDER Byte (2)
2
7
2
6
2
5
2
4
2
3
2
2
2
1
2
0
ACK (L)
4
CONTROL Byte
1
CP
T1
T0
TS2
TS1
TS0
OS
ACK
5
BAND SW Byte
P7
P6
P5
P4
P3
X
X
P0
ACK (L)
(L)
: DATA LATCH
×
: DON’T Care
ACK : Acknowledgment
b) READ MODE
BYTE
MSB
LSB
1
ADDRESS Byte
1
1
0
0
0
MA1
MA0
R / W = 1
ACK
2
STATUS Byte
0
FL
IP7
IP5
IP4
A2
A1
A0
ACK
ACK : Acknowledgment
DATA DETAILS
= MA1, MA0 :Programmable address bits
(Indicate applied voltage of pin 10 and corresponding address setting.)
ADDRESS PIN APPLIED VOLTAGE
MA1
MA0
0~0.2×VCC
0
0
0.3×VCC~0.7×VCC
1
0
0~VCC
0
1
0.8×VCC~VCC
1
1
= CP
: Charge pump current setting
[0] : 50µA (Typ.)
[1] : 170µA (Typ.)
= T1
: Test mode switching
[0] : NORMAL mode
[1] : TEST mode
= T0
:Charge pump control setting
[0] : Charge pump ON
[1] : Charge pump OFF


Similar Part No. - TD7626FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD7626FN TOSHIBA-TD7626FN Datasheet
459Kb / 14P
   2.7GHz FREQUENCY SYNTHESIZER FOR SATELLITE TV
More results

Similar Description - TD7626FN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD7626F TOSHIBA-TD7626F Datasheet
459Kb / 14P
   2.7GHz FREQUENCY SYNTHESIZER FOR SATELLITE TV
TD63809 TOSHIBA-TD63809 Datasheet
533Kb / 15P
   FREQUENCY SYNTHESIZER FOR TV/CATV
logo
TEMIC Semiconductors
U6359B TEMIC-U6359B Datasheet
89Kb / 6P
   Frequency Synthesizer for TV Tuner
logo
Toshiba Semiconductor
TD6380P TOSHIBA-TD6380P Datasheet
566Kb / 16P
   FREQUENCY SYNTHESIZER FOR TV/CATV
TD6359P TOSHIBA-TD6359P Datasheet
506Kb / 15P
   FREQUENCY SYNTHESIZER FOR TV/CATV
TD6358P TOSHIBA-TD6358P Datasheet
510Kb / 15P
   FREQUENCY SYNTHESIZER FOR TV/CATV
logo
NTE Electronics
NTE1677 NTE-NTE1677 Datasheet
22Kb / 2P
   Integrated Circuit Frequency Synthesizer for TV/CATV
logo
Renesas Technology Corp
M64895BGP RENESAS-M64895BGP Datasheet
161Kb / 12P
   I2C BUS FREQUENCY SYNTHESIZER FOR TV/VTR
logo
Mitsubishi Electric Sem...
M64895BFP MITSUBISHI-M64895BFP Datasheet
50Kb / 6P
   PC BUS FREQUENCY SYNTHESIZER FOR TV/VCR
M64895FP MITSUBISHI-M64895FP Datasheet
45Kb / 6P
   I2C BUS FREQUENCY SYNTHESIZER FOR TV/VCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com