Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCR5SB32 Datasheet(PDF) 8 Page - Toshiba Semiconductor

Part # TCR5SB32
Description  200mA CMOS Low-Dropout Regulator (Point Regulator)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR5SB32 Datasheet(HTML) 8 Page - Toshiba Semiconductor

Back Button TCR5SB32 Datasheet HTML 4Page - Toshiba Semiconductor TCR5SB32 Datasheet HTML 5Page - Toshiba Semiconductor TCR5SB32 Datasheet HTML 6Page - Toshiba Semiconductor TCR5SB32 Datasheet HTML 7Page - Toshiba Semiconductor TCR5SB32 Datasheet HTML 8Page - Toshiba Semiconductor TCR5SB32 Datasheet HTML 9Page - Toshiba Semiconductor TCR5SB32 Datasheet HTML 10Page - Toshiba Semiconductor TCR5SB32 Datasheet HTML 11Page - Toshiba Semiconductor TCR5SB32 Datasheet HTML 12Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
TCR5SB15~TCR5SB50
2007-11-01
8
Representative Typical Characteristics
1) Output Voltage vs. Input Voltage
2) Output Voltage vs. Output Current
Input voltage VIN (V)
TCR5SB30
0
1
4
6
0
3
6
1
2
4
5
CIN = 0.1 μF, COUT = 1 μF
2
3
5
150 mA
50 mA
IOUT = 10 mA
Input voltage VIN (V)
TCR5SB15
0
1
4
6
0
1.5
2.0
0.5
1.0
CIN = 0.1 μF, COUT = 1 μF
2
3
5
150 mA
50 mA
IOUT = 10 mA
Input voltage VIN (V)
TCR5SB50
0
3
6
1
2
4
5
CIN = 0.1 μF, COUT = 1 μF
0
1
4
6
2
3
5
150 mA
50 mA
IOUT = 10 mA
TCR5SB15
1.4
1.5
1.6
VIN = 2.5 V,
CIN = 0.1 μF, COUT = 1 μF
0
60
100
200
Output current IOUT (mA)
20
40
80
120 140 160 180
Input voltage VIN (V)
TCR5SB18
0
1
4
6
0
1.5
3
0.5
1
2
2.5
CIN = 0.1 μF, COUT = 1 μF
2
3
5
150 mA
50 mA
IOUT = 10 mA
TCR5SB18
1.7
1.8
1.9
VIN = 2.8 V,
CIN = 0.1 μF, COUT = 1 μF
0
60
100
200
Output current IOUT (mA)
20
40
80
120 140 160 180


Similar Part No. - TCR5SB32

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR5SB32A TOSHIBA-TCR5SB32A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB32U TOSHIBA-TCR5SB32U Datasheet
269Kb / 18P
   200-mA CMOS Low-Dropout Regulators (Point Regulators)
More results

Similar Description - TCR5SB32

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR5SC15FE TOSHIBA-TCR5SC15FE Datasheet
206Kb / 16P
   150 mA CMOS Low-Dropout Regulator (Point regulator)
TCR5SB15A TOSHIBA-TCR5SB15A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB12 TOSHIBA-TCR5SB12 Datasheet
179Kb / 7P
   200 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201_05 Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
MIC5201-3.0YM MICREL-MIC5201-3.0YM Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
logo
Texas Instruments
LP5990 TI1-LP5990_14 Datasheet
926Kb / 18P
[Old version datasheet]   Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5990 TI1-LP5990 Datasheet
930Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5990 TI-LP5990_15 Datasheet
901Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201 Datasheet
132Kb / 12P
   200mA Low-Dropout Voltage Regulator
logo
Texas Instruments
UCC386 TI1-UCC386_08 Datasheet
145Kb / 9P
[Old version datasheet]   LOW-DROPOUT 200mA LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com