Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD62386APG Datasheet(PDF) 4 Page - Toshiba Semiconductor

Part # TD62386APG
Description  8 Ch Low Input Active Darlington Sink Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62386APG Datasheet(HTML) 4 Page - Toshiba Semiconductor

  TD62386APG Datasheet HTML 1Page - Toshiba Semiconductor TD62386APG Datasheet HTML 2Page - Toshiba Semiconductor TD62386APG Datasheet HTML 3Page - Toshiba Semiconductor TD62386APG Datasheet HTML 4Page - Toshiba Semiconductor TD62386APG Datasheet HTML 5Page - Toshiba Semiconductor TD62386APG Datasheet HTML 6Page - Toshiba Semiconductor TD62386APG Datasheet HTML 7Page - Toshiba Semiconductor TD62386APG Datasheet HTML 8Page - Toshiba Semiconductor TD62386APG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TD62386,387,388APG/AFG
2007-07-03
4
Test Circuit
1. ICEX
2. VCE (sat)
3. IIN (ON)
4. IIN (OFF)
5. VIN (ON)
6. IR
7. VF
8. ICC
9. tON, tOFF
Note 1: Pulse Width 50 µs, Duty Cycle 10%
Output Impedance 50
Ω, tr ≤ 5 ns, tf ≤ 10 ns
Note 2: CL includes probe and jig capacitance.
Precautions for Using
This IC does not integrate protection circuits such as overcurrent and overvoltage protectors.
Thus, if excess current or voltage is applied to the IC, the IC may be damaged. Please design the IC so that
excess current or voltage will not be applied to the IC.
Utmost care is necessary in the design of the output line, VCC, COMMON and GND line since IC may be
destroyed due to short−circuit between outputs, air contamination fault, or fault by improper grounding.


Similar Part No. - TD62386APG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62386AP TOSHIBA-TD62386AP Datasheet
328Kb / 8P
   8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
More results

Similar Description - TD62386APG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62387AFNG TOSHIBA-TD62387AFNG Datasheet
490Kb / 10P
   8 Ch Low Input Active Darlington Sink Driver
TD62382AFN TOSHIBA-TD62382AFN Datasheet
206Kb / 5P
   8 LOW INPUT ACTIVE DARLINGTON SINK DRIVER
AD62384AP TOSHIBA-AD62384AP Datasheet
266Kb / 7P
   8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
AD62386AP TOSHIBA-AD62386AP Datasheet
328Kb / 8P
   8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62304AFN TOSHIBA-TD62304AFN Datasheet
228Kb / 6P
   7CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62304FB TOSHIBA-TD62304FB Datasheet
230Kb / 6P
   7CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62387AFN TOSHIBA-TD62387AFN Datasheet
259Kb / 7P
   8CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
TD62304AFNG TOSHIBA-TD62304AFNG Datasheet
343Kb / 9P
   7CH LOW INPUT ACTIVE DARLINGTON SINK DRIVER
2006-06-13
logo
Cystech Electonics Corp...
CH-D3815PB CYSTEKEC-CH-D3815PB Datasheet
176Kb / 6P
   8-CH Darlington Sink Driver
logo
Toshiba Semiconductor
TD62308APA TOSHIBA-TD62308APA Datasheet
229Kb / 6P
   4CH LOW INPUT ACTIVE HIGH-CURRENT DARLINGTON SINK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com