Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TD62650FG Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TD62650FG
Description  5V POWER SUPPLY & SUPPLY MONITORING COMMUNICATIONS IC
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TD62650FG Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TD62650FG Datasheet HTML 1Page - Toshiba Semiconductor TD62650FG Datasheet HTML 2Page - Toshiba Semiconductor TD62650FG Datasheet HTML 3Page - Toshiba Semiconductor TD62650FG Datasheet HTML 4Page - Toshiba Semiconductor TD62650FG Datasheet HTML 5Page - Toshiba Semiconductor TD62650FG Datasheet HTML 6Page - Toshiba Semiconductor TD62650FG Datasheet HTML 7Page - Toshiba Semiconductor TD62650FG Datasheet HTML 8Page - Toshiba Semiconductor TD62650FG Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
TD62650,651,652FG
2006-06-14
1
TOSHIBA BIPOLAR DIGITAL INTEGRATED CIRCUIT SILICON MONOLITHIC
TD62650FG,TD62651FG,TD62652FG
5V POWER SUPPLY & SUPPLY MONITORING + COMMUNICATIONS IC
The TD62650FG series covers products developed for use in
microcomputer systems applicable to automatic vending
machines. They produce an output voltage of 5 V ± 0.5 V without
need for adjustment, through their accurate reference voltage
and amplifier circuit.
The 5V section can reset the system by outputting reset signals
at power−on, and also output a reset signal when the 5 V output
voltage drops below the specified 92% (TD62650FG / 652FG) or
85% (TD62651FG) because of external disturbances or other
problem.
It also incorporates a watchdog timer for self−diagnosing the
system. When the system malfunctions, the IC generates reset
pulses intermittently to prevent the system from running away.
The interface section incorporates three serial ports
corresponding to the typical 24−V 4800 bps system in microcomputers.
The suffix (G) appended to the part number represents a Lead (Pb)-Free product.
FEATURES
Accurate output
: 5V ± 0.25 V
Output PNP Tr incorporated : Current capacity ; 300 mA (max)
Power−on Reset timer incorporated
Watchdog timer incorporated
Small flat package sealing
: SSOP30 pin (1 mm pitch)
Difference 1
CHARACTERISTIC
TD62650 / 652FG
TD62651FG
Reset Detecting
Voltage
5V / 92%
5V / 85%
Difference 2
Time setting resistance 22 kΩ for power−on reset /
watchdog timer, and PULL resistance of 4.7 kΩ for
RESET pin.
TD62650FG
TD62651FG
TD62652FG
Built−in
None
None
Weight: 0.63 g (typ.)
PIN CONNECTION


Similar Part No. - TD62650FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62650F TOSHIBA-TD62650F Datasheet
651Kb / 17P
   5V POWER SUPPLY & SUPPLY MONITORINGCOMMUNICATIONS IC
More results

Similar Description - TD62650FG

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TD62650F TOSHIBA-TD62650F Datasheet
651Kb / 17P
   5V POWER SUPPLY & SUPPLY MONITORINGCOMMUNICATIONS IC
logo
Fairchild Semiconductor
FAN7680 FAIRCHILD-FAN7680 Datasheet
234Kb / 16P
   PC Power Supply Outputs Monitoring IC
FAN7685 FAIRCHILD-FAN7685 Datasheet
321Kb / 14P
   PC Power Supply Output Monitoring IC
logo
ON Semiconductor
NCP112 ONSEMI-NCP112 Datasheet
125Kb / 10P
   Supervisory IC for Desktop Power Supply Monitoring
October, 2006 ??Rev. 3
logo
Advanced Monolithic Sys...
AMS811 AMS-AMS811 Datasheet
312Kb / 8P
   Precision Monitoring of 3V, 3.3V, and 5V Power-Supply Voltages
logo
Rohm
BD8153EFV ROHM-BD8153EFV Datasheet
445Kb / 18P
   5V Input Multi-channel System Power Supply IC
BD9862MUV ROHM-BD9862MUV Datasheet
542Kb / 17P
   5V Input Multi-channel System Power Supply IC
BD8179MUV ROHM-BD8179MUV Datasheet
409Kb / 13P
   5V Input Multi-channel System Power Supply IC
logo
Maxim Integrated Produc...
MAX17525EVKIT MAXIM-MAX17525EVKIT Datasheet
2Mb / 12P
   5V DC power supply
Rev 0; 9/16
logo
Renesas Technology Corp
M5296FP RENESAS-M5296FP Datasheet
4Mb / 10P
   5V CONSTANT-VOLTAGE POWER SUPPLY INCORPORATED WATCHDOG TIMER IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com