Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCR5SB49 Datasheet(PDF) 2 Page - Toshiba Semiconductor

Part # TCR5SB49
Description  200mA CMOS Low-Dropout Regulator (Point Regulator)
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TCR5SB49 Datasheet(HTML) 2 Page - Toshiba Semiconductor

  TCR5SB49 Datasheet HTML 1Page - Toshiba Semiconductor TCR5SB49 Datasheet HTML 2Page - Toshiba Semiconductor TCR5SB49 Datasheet HTML 3Page - Toshiba Semiconductor TCR5SB49 Datasheet HTML 4Page - Toshiba Semiconductor TCR5SB49 Datasheet HTML 5Page - Toshiba Semiconductor TCR5SB49 Datasheet HTML 6Page - Toshiba Semiconductor TCR5SB49 Datasheet HTML 7Page - Toshiba Semiconductor TCR5SB49 Datasheet HTML 8Page - Toshiba Semiconductor TCR5SB49 Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
TCR5SB15~TCR5SB50
2007-11-01
2
List of Products Number and Marking
Marking
Products No.
Marking
Products No.
Marking
TCR5SB15
1E5
TCR5SB33
3E3
TCR5SB16
1E6
TCR5SB34
3E4
TCR5SB17
1E7
TCR5SB35
3E5
TCR5SB18
1E8
TCR5SB36
3E6
TCR5SB19
1B9
TCR5SB37
3E7
TCR5SB20
2E0
TCR5SB38
3E8
TCR5SB21
2E1
TCR5SB39
3E9
TCR5SB22
2E2
TCR5SB40
4E0
TCR5SB23
2E3
TCR5SB41
4E1
TCR5SB24
2E4
TCR5SB42
4E2
TCR5SB25
2E5
TCR5SB43
4E3
TCR5SB26
2E6
TCR5SB44
4E4
TCR5SB27
2E7
TCR5SB45
4E5
TCR5SB28
2E8
TCR5SB46
4E6
TCR5SB29
2E9
TCR5SB47
4E7
TCR5SB30
3E0
TCR5SB48
4E8
TCR5SB31
3E1
TCR5SB49
4E9
TCR5SB32
3E2
TCR5SB50
5E0
Absolute Maximum Ratings (Ta
= 25°C)
Characteristics
Symbol
Rating
Unit
Input voltage
VIN
6
V
Control voltage
VCT
-0.3~ 6
V
Output voltage
VOUT
-0.3~ VIN + 0.3
V
Output current
IOUT
200
mA
200
(Note 1)
Power dissipation
PD
380
(Note 2)
mW
Operation temperature range
Topr
−40~85
°C
Junction temperature
Tj
150
°C
Storage temperature range
Tstg
−55~150
°C
Note:
Using continuously under heavy loads (e.g. the application of high temperature/current/voltage and the
significant change in temperature, etc.) may cause this product to decrease in the reliability significantly
even if the operating conditions (i.e. operating temperature/current/voltage, etc.) are within the absolute
maximum ratings and the operating ranges.
Please design the appropriate reliability upon reviewing the Toshiba Semiconductor Reliability Handbook
(“Handling Precautions”/“Derating Concept and Methods”) and individual reliability data (i.e. reliability test
report and estimated failure rate, etc).
Note 1: Unit Ratintg
Note 2: Rating at mounting on a board
(Glass epoxy board dimmention : 30 mm
× 30 mm, Copper pad area : 50 mm
2
)
3 E 0
Example: TCR5SB30 (3.0 V output)


Similar Part No. - TCR5SB49

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR5SB49A TOSHIBA-TCR5SB49A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB49U TOSHIBA-TCR5SB49U Datasheet
269Kb / 18P
   200-mA CMOS Low-Dropout Regulators (Point Regulators)
More results

Similar Description - TCR5SB49

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TCR5SC15FE TOSHIBA-TCR5SC15FE Datasheet
206Kb / 16P
   150 mA CMOS Low-Dropout Regulator (Point regulator)
TCR5SB15A TOSHIBA-TCR5SB15A Datasheet
262Kb / 17P
   150 mA CMOS Low-Dropout Regulator (Point Regulator)
TCR5SB12 TOSHIBA-TCR5SB12 Datasheet
179Kb / 7P
   200 mA CMOS Low-Dropout Regulator (Point Regulator)
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201_05 Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
MIC5201-3.0YM MICREL-MIC5201-3.0YM Datasheet
1,009Kb / 9P
   200mA Low-Dropout Regulator
logo
Texas Instruments
LP5990 TI1-LP5990_14 Datasheet
926Kb / 18P
[Old version datasheet]   Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5990 TI1-LP5990 Datasheet
930Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
LP5990 TI-LP5990_15 Datasheet
901Kb / 16P
[Old version datasheet]   LP5990 Micropower 200mA CMOS Low Dropout Voltage Regulator
logo
Micrel Semiconductor
MIC5201 MICREL-MIC5201 Datasheet
132Kb / 12P
   200mA Low-Dropout Voltage Regulator
logo
Texas Instruments
UCC386 TI1-UCC386_08 Datasheet
145Kb / 9P
[Old version datasheet]   LOW-DROPOUT 200mA LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com