Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3421E Datasheet(PDF) 9 Page - Maxim Integrated Products

Part # MAX3421E
Description  USB Peripheral/Host Controller with SPI Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3421E Datasheet(HTML) 9 Page - Maxim Integrated Products

Back Button MAX3421E Datasheet HTML 5Page - Maxim Integrated Products MAX3421E Datasheet HTML 6Page - Maxim Integrated Products MAX3421E Datasheet HTML 7Page - Maxim Integrated Products MAX3421E Datasheet HTML 8Page - Maxim Integrated Products MAX3421E Datasheet HTML 9Page - Maxim Integrated Products MAX3421E Datasheet HTML 10Page - Maxim Integrated Products MAX3421E Datasheet HTML 11Page - Maxim Integrated Products MAX3421E Datasheet HTML 12Page - Maxim Integrated Products MAX3421E Datasheet HTML 13Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
USB Peripheral/Host Controller
with SPI Interface
_______________________________________________________________________________________
9
Note 1b: In peripheral mode, the MAX3421E performs identically to the MAX3420E with the following enhancements:
1) R16 adds the PULSEWID0 and PULSEWID1 bits to control the INT pulse width in edge interrupt mode
(see Figure 12.) These bits default to the MAX3420E setting of 10.6µs.
2) R21 adds four more GPIO bits.
3) R22 and R23 add general-purpose input pins to the interrupt system. R24 controls the edge polarity.
4) R27 controls the peripheral/host mode and the SEPIRQ bit.
5) When [GPXB:GPXA] = [1:0] and the bit SEPIRQ = 1 (R27 bit 4), the GPX output replaces the BUSACT
signal with a second IRQ pin dedicated to the GPIN pin interrupts.
Table 2. MAX3421E Register Map in Host Mode (HOST = 1) (Note 2)
REG
NAME
b7
b6
b5
b4
b3
b2
b1
b0
acc
R0
—0
0
0
0
0
0
0
0
R1
RCVFIFO
b7b6b5b4b3b2b1b0
RSC
R2
SNDFIFO
b7b6b5b4b3b2b1b0
RSC
R3
—0
0
0
0
0
0
0
0
R4
SUDFIFO
b7b6b5b4b3b2b1b0
RSC
R5
—0
0
0
0
0
0
0
0
R6
RCVBC
0BC6BC5BC4BC3BC2BC1BC0
RSC
R7
SNDBC
0BC6BC5BC4BC3BC2BC1BC0
RSC
R8
00
0
0
0
0
0
0
R9
00
0
0
0
0
0
0
R10
00
0
0
0
0
0
0
R11
00
0
0
0
0
0
0
R12
00
0
0
0
0
0
0
R13
USBIRQ
0
VBUSIRQ
NOVBUSIRQ
00
0
0
OSCOKIRQ
RC
R14
USBIEN
0VBUSIE
NOVBUSIE
00
0
0
OSCOKIE
RSC
R15
USBCTL
00
CHIPRES
PWRDOWN
00
0
0
RSC
R16
CPUCTL
PULSEWID1PULSEWID0
00
0
0
0
IE
RSC
R17
PINCTL
EP3INAK
EP2INAK
EP0INAK
FDUPSPIINTLEVEL
POSINTGPXBGPXA
RSC
R18
REVISION
00
0
1
0
0
1
0
R
R19
00
0
0
0
0
0
0
R20
IOPINS1
GPIN3GPIN2GPIN1GPIN0GPOUT3
GPOUT2
GPOUT1
GPOUT0
RSC
R21
IOPINS2
GPIN7GPIN6GPIN5GPIN4GPOUT7
GPOUT6
GPOUT5
GPOUT4
RSC
R22
GPINIRQ
GPINIRQ7
GPINIRQ6
GPINIRQ5
GPINIRQ4
GPINIRQ3
GPINIRQ2
GPINIRQ1
GPINIRQ0
RC
R23
GPINIEN
GPINIEN7GPINIEN6GPINIEN5GPINIEN4GPINIEN3GPINIEN2
GPINIEN1GPINIEN0
RSC
R24
GPINPOL
GPINPOL7
GPINPOL6
GPINPOL5
GPINPOL4
GPINPOL3
GPINPOL2
GPINPOL1
GPINPOL0
RSC
R25
HIRQ
HXFRDNIRQ
FRAMEIRQ
CONNIRQ
SUSDNIRQ
SNDBAVIRQ
RCVDAVIRQ
RSMREQIRQ
BUSEVENTIRQ
RC
R26
HIEN
HXFRDNIE
FRAMEIE
CONNIE
SUSDNIE
SNDBAVIE
RCVDAVIE
RSMREQIE
BUSEVENTIE
RSC
R27
MODE
DPPULLDN
DMPULLDN
DELAYISOSEPIRQ
SOFKAENAB
HUBPRE
SPEED
HOST = 1
RSC
R28
PERADDR
0b6b5b4b3b2b1b0
RSC
R29
HCTL
SNDTOG1
SNDTOG0
RCVTOG1
RCVTOG0
SIGRSM
BUSSAMPLE
FRMRSTBUSRSTLS
R30
HXFR
HS
ISO
OUTNIN
SETUP
EP3EP2EP1EP0LS
R31
HRSL
JSTATUS
KSTATUS
SNDTOGRD RCVTOGRD
HRSLT3
HRSLT2
HRSLT1
HRSLT0
R
Table 1. MAX3421E Register Map in Peripheral Mode (HOST = 0) (Notes 1a, 1b) (Continued)


Similar Part No. - MAX3421E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3421E MAXIM-MAX3421E Datasheet
359Kb / 29P
   USB Peripheral/Host Controller with SPI Interface
Rev 0; 2/06
MAX3421E MAXIM-MAX3421E Datasheet
203Kb / 9P
   Mates to Keil MCB2130 Development Board
Rev 0; 12/06
MAX3421EEHJ MAXIM-MAX3421EEHJ Datasheet
359Kb / 29P
   USB Peripheral/Host Controller with SPI Interface
Rev 0; 2/06
MAX3421EEHJ++ MAXIM-MAX3421EEHJ+ Datasheet
260Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
MAX3421EETG MAXIM-MAX3421EETG Datasheet
359Kb / 29P
   USB Peripheral/Host Controller with SPI Interface
Rev 0; 2/06
More results

Similar Description - MAX3421E

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3421E MAXIM-MAX3421E_14 Datasheet
260Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
MAX3421E MAXIM-MAX3421E_13 Datasheet
290Kb / 28P
   USB Peripheral/Host Controller with SPI Interface
Rev 4; 7/13
MAX3421E MAXIM-MAX3421E Datasheet
359Kb / 29P
   USB Peripheral/Host Controller with SPI Interface
Rev 0; 2/06
MAX3420E MAXIM-MAX3420E Datasheet
509Kb / 23P
   USB Peripheral Controller with SPI Interface
Rev 0; 8/05
MAX3420E MAXIM-MAX3420E_15 Datasheet
1Mb / 22P
   USB Peripheral Controller with SPI Interface
Rev 5; 11/15
MAX3420E MAXIM-MAX3420E_07 Datasheet
366Kb / 25P
   USB Peripheral Controller with SPI Interface
Rev 2; 6/07
logo
Cypress Semiconductor
CY7C67300 CYPRESS-CY7C67300 Datasheet
668Kb / 119P
   EZ-Host Programmable Embedded USB Host/Peripheral Controller
logo
List of Unclassifed Man...
OTI-6888 ETC1-OTI-6888 Datasheet
569Kb / 12P
   USB 1.1 USB Host with MP3 Interface Controller
logo
Cypress Semiconductor
CY7C67300 CYPRESS-CY7C67300_11 Datasheet
1Mb / 102P
   EZ-Host Programmable Embedded USB Host and Peripheral Controller
CY7C67300 CYPRESS-CY7C67300_13 Datasheet
917Kb / 112P
   EZ-Host??Programmable Embedded USB Host and Peripheral Controller with Automotive AEC Grade Support
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com