Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX3622 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX3622
Description  Low-Jitter, Precision Clock Generator with Two Outputs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX3622 Datasheet(HTML) 8 Page - Maxim Integrated Products

  MAX3622 Datasheet HTML 1Page - Maxim Integrated Products MAX3622 Datasheet HTML 2Page - Maxim Integrated Products MAX3622 Datasheet HTML 3Page - Maxim Integrated Products MAX3622 Datasheet HTML 4Page - Maxim Integrated Products MAX3622 Datasheet HTML 5Page - Maxim Integrated Products MAX3622 Datasheet HTML 6Page - Maxim Integrated Products MAX3622 Datasheet HTML 7Page - Maxim Integrated Products MAX3622 Datasheet HTML 8Page - Maxim Integrated Products MAX3622 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Layout Considerations
The inputs and outputs are critical paths for the
MAX3622, and care should be taken to minimize dis-
continuities on these transmission lines. Here are some
suggestions for maximizing the MAX3622’s perfor-
mance:
• An uninterrupted ground plane should be posi-
tioned beneath the clock I/Os.
• Supply and ground pin vias should be placed
close to the IC and the input/output interfaces to
allow a return current path to the MAX3622 and the
receive devices.
• Supply decoupling capacitors should be placed
close to the MAX3622 supply pins.
• Maintain 100
Ω differential (or 50Ω single-ended)
transmission line impedance out of the MAX3622.
• Use good high-frequency layout techniques and a
multilayer board with an uninterrupted ground
plane to minimize EMI and crosstalk.
Refer to the MAX3622 Evaluation Kit for more information.
Low-Jitter, Precision Clock Generator
with Two Outputs
8
_______________________________________________________________________________________
MAX3622
VCCA
QAC_OE
QB_OE
QA_C
X_OUT
X_IN
GNDO_A
GND
VCC
VCCO_B
VDDO_A
10.5
Ω
0.01
μF
0.1
μF
VCC
36
Ω
Z0 = 50
Ω
ASIC
125MHz
QB
50
Ω
Z0 = 50
Ω
QB
Z0 = 50
Ω
ASIC
50
Ω
156.25MHz
(VCC - 2V)
10
μF
0.1
μF
25MHz
(CL = 18pF)
33pF
27pF
0.01
μF
0.1
μF
+3.3V
±5%
VCC
Typical Application Circuit


Similar Part No. - MAX3622

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX362 MAXIM-MAX362 Datasheet
185Kb / 10P
   Precision, Quad, SPST Analog Switches
19-0180; Rev 2; 6/04
MAX3620 MAXIM-MAX3620 Datasheet
159Kb / 6P
   Delay Lines for High-Speed Clock Distribution Systems
Rev 0; 1/05
MAX3620AETT MAXIM-MAX3620AETT Datasheet
159Kb / 6P
   Delay Lines for High-Speed Clock Distribution Systems
Rev 0; 1/05
MAX3620BETT MAXIM-MAX3620BETT Datasheet
159Kb / 6P
   Delay Lines for High-Speed Clock Distribution Systems
Rev 0; 1/05
MAX3620CETT MAXIM-MAX3620CETT Datasheet
159Kb / 6P
   Delay Lines for High-Speed Clock Distribution Systems
Rev 0; 1/05
More results

Similar Description - MAX3622

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3625A MAXIM-MAX3625A Datasheet
311Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 5/09
MAX3625 MAXIM-MAX3625 Datasheet
290Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/07
MAX3625B MAXIM-MAX3625B Datasheet
312Kb / 10P
   Low-Jitter, Precision Clock Generator with Three Outputs
Rev 0; 10/09
MAX3624 MAXIM-MAX3624 Datasheet
293Kb / 12P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 0; 8/07
MAX3624_0711 MAXIM-MAX3624_0711 Datasheet
418Kb / 13P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 1; 11/07
MAX3624A MAXIM-MAX3624A Datasheet
396Kb / 12P
   Low-Jitter, Precision Clock Generator with Four Outputs
Rev 0; 10/09
MAX3627 MAXIM-MAX3627 Datasheet
619Kb / 11P
   3.3V, Low-Jitter, Precision Clock Generator with Multiple Outputs
Rev 0; 4/09
MAX3629 MAXIM-MAX3629 Datasheet
541Kb / 12P
   3.3V, Low-Jitter, Precision Clock Generator with Multiple Outputs
Rev 0; 2/09
logo
Analog Devices
AD9525 AD-AD9525 Datasheet
1Mb / 48P
   Low Jitter Clock Generator with Eight LVPECL Outputs
REV. 0
AD9525 AD-AD9525_13 Datasheet
852Kb / 48P
   Low Jitter Clock Generator with Eight LVPECL Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com