Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX15004AAUE Datasheet(PDF) 3 Page - Maxim Integrated Products

Part # MAX15004AAUE
Description  4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX15004AAUE Datasheet(HTML) 3 Page - Maxim Integrated Products

  MAX15004AAUE Datasheet HTML 1Page - Maxim Integrated Products MAX15004AAUE Datasheet HTML 2Page - Maxim Integrated Products MAX15004AAUE Datasheet HTML 3Page - Maxim Integrated Products MAX15004AAUE Datasheet HTML 4Page - Maxim Integrated Products MAX15004AAUE Datasheet HTML 5Page - Maxim Integrated Products MAX15004AAUE Datasheet HTML 6Page - Maxim Integrated Products MAX15004AAUE Datasheet HTML 7Page - Maxim Integrated Products MAX15004AAUE Datasheet HTML 8Page - Maxim Integrated Products MAX15004AAUE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
4.5V to 40V Input Automotive
Flyback/Boost/SEPIC Power-Supply Controllers
_______________________________________________________________________________________
3
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
OSCILLATOR (RTCT)
Oscillator Frequency Range
fOSC
fOSC = 2 x fOUT for MAX15004A/B,
fOSC = fOUT for MAX15005A/B
15
1000
kHz
RTCT Peak Trip Level
VTH,RTCT
0.55 x VREG5
V
RTCT Valley Trip Level
VTL,RTCT
0.1 x VREG5
V
RTCT Discharge Current
IDIS,RTCT
VRTCT = 2V
1.30
1.33
1.36
mA
RT = 13.7kΩ, CT = 4.7nF,
fOSC (typ) = 18kHz
-4
+4
RT = 13.7kΩ, CT = 560pF,
fOSC (typ) = 150kHz
-4
+4
RT = 21kΩ, CT = 100pF,
fOSC (typ) = 500kHz
-5
+5
Oscillator Frequency Accuracy
(Note 2)
RT = 7kΩ, CT = 100pF,
fOSC (typ) = 1MHz
-7
+7
%
MAX15004A/B
50
Maximum PWM Duty Cycle
(Note 3)
DMAX
MAX15005A/B,
RT = 13.7kΩ, CT = 560pF,
fOSC (typ) = 150kHz
78.5
80
81.5
%
Minimum On-Time
tON-MIN
VIN = 14V
110
170
ns
SYNC Lock-In Frequency Range
(Note 4)
RT = 13.7kΩ, CT = 560pF,
fOSC (typ) = 150kHz
102
200
%fOSC
SYNC High-Level Voltage
VIH-SYNC
2V
SYNC Low-Level Voltage
VIL-SYNC
0.8
V
SYNC Input Current
ISYNC
VSYNC = 0 to 5V
-0.5
+0.5
µA
SYNC Minimum Input Pulse Width
50
ns
ERROR AMPLIFIER/SOFT-START
Soft-Start Charging Current
ISS
VSS = 0V
8
15
21
µA
SS Reference Voltage
VSS
1.215
1.228
1.240
V
SS Threshold for HICCUP Enable
VSS rising
1.1
V
FB Regulation Voltage
VREF-FB
COMP = FB,
ICOMP = -500µA to +500µA
1.215
1.228
1.240
V
FB Input Offset Voltage
VOS-FB
COMP = 0.25V to 4.5V,
ICOMP = -500µA to +500µA,
VSS = 0 to 1.5V
-5
+5
mV
FB Input Current
VFB = 0 to 1.5V
-300
+300
nA
COMP Sink Current
ICOMP-SINK
VFB = 1.5V, VCOMP = 0.25V
3
5.5
mA
ELECTRICAL CHARACTERISTICS (continued)
(VIN = 14V, CIN = 0.1µF, CVCC = 0.1µF // 1µF, CREG5 = 1µF, VON/OFF = 5V, CSS = 0.01µF, CSLOPE = 100pF, RT = 13.7kΩ, CT =
560pF, SYNC = OVI = FB = CS = 0V, COMP = unconnected, OUT = unconnected. TA = TJ = -40°C to +125°C, unless otherwise
noted. Typical values are at TA = +25°C. All voltages are referenced to PGND, unless otherwise noted.) (Note 1) (Figure 5)


Similar Part No. - MAX15004AAUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15004AAUE MAXIM-MAX15004AAUE Datasheet
570Kb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 2; 12/10
MAX15004AAUE MAXIM-MAX15004AAUE Datasheet
1Mb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 10; 6/20
MAX15004AAUE++ MAXIM-MAX15004AAUE+ Datasheet
567Kb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 3; 1/11
MAX15004AAUEV MAXIM-MAX15004AAUEV Datasheet
1Mb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 10; 6/20
More results

Similar Description - MAX15004AAUE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX15004A MAXIM-MAX15004A Datasheet
1Mb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 10; 6/20
MAX15004 MAXIM-MAX15004_10 Datasheet
570Kb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 2; 12/10
MAX15004 MAXIM-MAX15004_11 Datasheet
567Kb / 27P
   4.5V to 40V Input Automotive Flyback/Boost/SEPIC Power-Supply Controllers
Rev 3; 1/11
MAX16990 MAXIM-MAX16990 Datasheet
1Mb / 19P
   Boost/SEPIC Controllers
Rev 3; 7/13
MAX16990AUBA MAXIM-MAX16990AUBA Datasheet
1Mb / 21P
   36V, 2.5MHz Automotive Boost SEPIC Controllers
Rev 6; 8/15
MAX16990 MAXIM-MAX16990_V01 Datasheet
1Mb / 21P
   36V, 2.5MHz Automotive Boost/ SEPIC Controllers
2021
MAX16992 MAXIM-MAX16992 Datasheet
1Mb / 19P
   Boost/SEPIC Controllers
Rev 3; 7/13
logo
Linear Technology
LT3957 LINER-LT3957 Datasheet
365Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957A LINER-LT3957A Datasheet
559Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
LT3957 LINER-LT3957_15 Datasheet
369Kb / 28P
   Boost, Flyback, SEPIC and Inverting Converter with 5A, 40V Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com