Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX16049 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # MAX16049
Description  12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX16049 Datasheet(HTML) 8 Page - Maxim Integrated Products

Back Button MAX16049 Datasheet HTML 4Page - Maxim Integrated Products MAX16049 Datasheet HTML 5Page - Maxim Integrated Products MAX16049 Datasheet HTML 6Page - Maxim Integrated Products MAX16049 Datasheet HTML 7Page - Maxim Integrated Products MAX16049 Datasheet HTML 8Page - Maxim Integrated Products MAX16049 Datasheet HTML 9Page - Maxim Integrated Products MAX16049 Datasheet HTML 10Page - Maxim Integrated Products MAX16049 Datasheet HTML 11Page - Maxim Integrated Products MAX16049 Datasheet HTML 12Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 62 page
background image
12-Channel/8-Channel EEPROM-Programmable
System Managers with Nonvolatile Fault Registers
8
_______________________________________________________________________________________
VCC SUPPLY CURRENT
vs. VCC SUPPLY VOLTAGE
VCC (V)
13
12
1 2 3
5 6 7 8 9 10
4
11
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
0
014
TA = +85
°C
TA = -40
°C
TA = +25
°C
NORMALIZED MON_ THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
75
60
30
45
-15
0
15
-30
0.992
0.994
0.996
0.998
1.000
1.002
1.004
1.006
1.008
1.010
0.990
-45
90
2.8V RANGE, HALF SCALE,
PUV THRESHOLD
NORMALIZED EN THRESHOLD
vs. TEMPERATURE
TEMPERATURE (
°C)
75
60
30
45
-15
0
15
-30
0.975
0.980
0.985
0.990
0.995
1.000
1.005
1.010
1.015
1.020
1.025
1.030
0.970
-45
90
Typical Operating Characteristics
(VCC = 3.3V, TA = +25°C, unless otherwise noted.)
TRANSIENT DURATION
vs. THRESHOLD OVERDRIVE (EN)
EN OVERDRIVE (mV)
10
20
40
60
80
100
120
140
160
0
1
100
NORMALIZED RESET TIMEOUT PERIOD
vs. TEMPERATURE
TEMPERATURE (
°C)
75
60
30
45
-15
0
15
-30
0.92
0.94
0.96
0.98
1.00
1.02
1.04
1.06
1.08
1.10
0.90
-45
90
MON_ PUV THRESHOLD OVERDRIVE
vs. TRANSIENT DURATION
THRESHOLD OVERDRIVE (mV)
835
670
175
340
505
20
40
60
80
100
120
140
160
0
10
1000
DEGLITCH = 16
DEGLITCH = 8
DEGLITCH = 4
DEGLITCH = 2
OUTPUT-VOLTAGE LOW
vs. SINK CURRENT
SINK CURRENT (mA)
5
4
1
2
3
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0
06
EN_OUT_
GPIO_


Similar Part No. - MAX16049

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16049 MAXIM-MAX16049 Datasheet
422Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16049ATN++ MAXIM-MAX16049ATN+ Datasheet
1,015Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16049ETN++ MAXIM-MAX16049ETN+ Datasheet
422Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
More results

Similar Description - MAX16049

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16046 MAXIM-MAX16046 Datasheet
545Kb / 68P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 10/07
MAX16046A MAXIM-MAX16046A Datasheet
1Mb / 71P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16046 MAXIM-MAX16046_09 Datasheet
481Kb / 70P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 4; 3/09
MAX16047 MAXIM-MAX16047_09 Datasheet
422Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 3; 3/09
MAX16047A MAXIM-MAX16047A Datasheet
1,015Kb / 61P
   12-Channel/8-Channel EEPROM-Programmable System Managers with Nonvolatile Fault Registers
Rev 0; 4/10
MAX16065 MAXIM-MAX16065 Datasheet
2Mb / 61P
   12-Channel/8-Channel, Flash-Configurable System Managers with Nonvolatile Fault Registers
Rev 0; 7/09
MAX16070 MAXIM-MAX16070 Datasheet
2Mb / 52P
   12-Channel/8-Channel, Flash-Configurable System Monitors with Nonvolatile Fault Registers
Rev 3; 8/11
MAX16067 MAXIM-MAX16067 Datasheet
2Mb / 47P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
MAX16067 MAXIM-MAX16067_10 Datasheet
2Mb / 48P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 1; 2/10
MAX16068 MAXIM-MAX16068 Datasheet
1Mb / 40P
   6-Channel, Flash-Configurable System Manager with Nonvolatile Fault Registers
Rev 0; 10/09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com