Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TLC5943 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # TLC5943
Description  16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TLC5943 Datasheet(HTML) 3 Page - Texas Instruments

  TLC5943 Datasheet HTML 1Page - Texas Instruments TLC5943 Datasheet HTML 2Page - Texas Instruments TLC5943 Datasheet HTML 3Page - Texas Instruments TLC5943 Datasheet HTML 4Page - Texas Instruments TLC5943 Datasheet HTML 5Page - Texas Instruments TLC5943 Datasheet HTML 6Page - Texas Instruments TLC5943 Datasheet HTML 7Page - Texas Instruments TLC5943 Datasheet HTML 8Page - Texas Instruments TLC5943 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
www.ti.com
RECOMMENDED OPERATING CONDITIONS
DISSIPATION RATINGS
TLC5943
SBVS101 – DECEMBER 2007
At TA= –40°C to +85°C, unless otherwise noted.
TLC5943
PARAMETER
TEST CONDITIONS
MIN
NOM
MAX
UNIT
DC Characteristics: VCC = 3 V to 5.5 V
VCC
Supply voltage
3.0
5.5
V
VO
Voltage applied to output
OUT0 to OUT15
17
V
VIH
High-level input voltage
0.7
× V
CC
VCC
V
VIL
Low-level input voltage
GND
0.3
× V
CC
V
IOH
High-level output current
SOUT
–1
mA
SOUT
1
mA
IOL
Low-level output current
XERR
5
mA
IOLC
Constant output sink current
OUT0 to OUT15
50
mA
TA
Operating free-air temperature
–40
+85
°C
Operating junction
TJ
–40
+125
°C
temperature
AC Characteristics: VCC = 3 V to 5.5 V
fCLK (sclk)
Data shift clock frequency
SCLK
30
MHz
Grayscale control clock
fCLK (gsclk)
GSCLK
33
MHz
frequency
TWH0 / TWL0
SCLK, GSCLK
10
ns
Pulse duration
TWH1
XLAT, BLANK
30
ns
TSU0
SIN–SCLK
6
ns
TSU1
XLAT
↑–SCLK↑
100
ns
TSU2
BLANK
↓–GSCLK↑
10
ns
TSU3
Setup time
BCSEL–SCLK
10
ns
TSU4
BCSEL–XLAT
30
ns
TSU5
XLAT
↓–SCLK↑
15
ns
TSU6
XLAT
↑–BLANK↓
20
ns
TH0
SIN–SCLK
3
ns
TH1
XLAT
↑–SCLK↑
30
ns
Hold time
TH2
BCSEL–SCLK
10
ns
TH3
BCSEL–XLAT
100
ns
OPERATING FACTOR
TA < +25°C
TA = +70°C
TA = +85°C
PACKAGE
ABOVE TA = +25°C
POWER RATING
POWER RATING
POWER RATING
HTSSOP-28 with
31.67 mW/
°C
3958 mW
2533 mW
2058 mW
PowerPAD soldered(1)
HTSSOP-28 with
16.21 mW/
°C
2026 mW
1296 mW
1053 mW
PowerPAD not soldered(2)
QFN-32(3)
27.86 mW/
°C
3482 mW
2228 mW
1811 mW
(1)
With PowerPAD soldered onto copper area on printed circuit board (PCB); 2 oz. copper. For more information, see SLMA002 (available
for download at www.ti.com).
(2)
With PowerPAD not soldered onto copper area on PCB.
(3)
The package thermal impedance is calculated in accordance with JESD51-5.
Copyright © 2007, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): TLC5943


Similar Part No. - TLC5943

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5943 TI1-TLC5943 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5943PWP TI1-TLC5943PWP Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5943PWP TI1-TLC5943PWP Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5943PWPG4 TI1-TLC5943PWPG4 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5943PWPG4 TI1-TLC5943PWPG4 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
More results

Similar Description - TLC5943

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5943 TI1-TLC5943_17 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC5943 TI1-TLC5943_16 Datasheet
1Mb / 40P
[Old version datasheet]   16-Channel, 16-Bit PWM LED Driver with 7-Bit Global Brightness Control
TLC59482 TI1-TLC59482 Datasheet
1Mb / 34P
[Old version datasheet]   16-Channel, 16-Bit, PWM LED Driver with 6-Bit Global Brightness Control
TLC5929 TI1-TLC5929 Datasheet
651Kb / 36P
[Old version datasheet]   16-Channel, Constant-Current LED Driver with 7-Bit Global Brightness Control, Power-Save Mode
TLC5951-DIE TI1-TLC5951-DIE Datasheet
185Kb / 5P
[Old version datasheet]   24-CHANNEL, 12-BIT PWM LED DRIVER WITH 7-BIT DOT CORRECTION AND 3-GROUP, 8-BIT GLOBAL BRIGHTNESS CONTROL
TLC5951 TI1-TLC5951 Datasheet
1Mb / 46P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
TLC5951 TI1-TLC5951_17 Datasheet
1Mb / 50P
[Old version datasheet]   24-Channel, 12-Bit PWM LED Driver With 7-Bit Dot Correction and 3-Group, 8-Bit Global Brightness Control
logo
Integrated Silicon Solu...
IS31FL3726 ISSI-IS31FL3726 Datasheet
436Kb / 13P
   16-BIT COLOR LED DRIVER WITH PWM CONTROL
IS31FL3726-QFLS2 ISSI-IS31FL3726-QFLS2 Datasheet
436Kb / 14P
   16-BIT COLOR LED DRIVER WITH PWM CONTROL
logo
Texas Instruments
TLC5942 TI-TLC5942 Datasheet
1Mb / 33P
[Old version datasheet]   16-Channel, 12-Bit PWM LED Driver with 7-Bit Dot Correction
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com